Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSST32900 Datasheet(PDF) 2 Page - SICK AG

Part # LSST32900
Description  FIBERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LSST32900 Datasheet(HTML) 2 Page - SICK AG

  LSST32900 Datasheet HTML 1Page - SICK AG LSST32900 Datasheet HTML 2Page - SICK AG LSST32900 Datasheet HTML 3Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LSST32900 | LBS/LIS
FIBERS
Illustration may differ
Ordering information
Type
Part no.
LSST32900
7023586
Only one fiber is included in the scope of delivery. However, 2 pieces are required for operation.
Other models and accessories
www.sick.com/LBS_LIS
Detailed technical data
Features
Device type
Fibers, fiber suitable for WLL260
For fiber-optic sensor
WLL260
Fiber material
Glass fiber
Jacket material
Stainless steel
Mechanics/electronics
Ambient operating temperature
–58 °C ... +315 °C
Classifications
ECLASS 5.0
27270905
ECLASS 5.1.4
27270905
ECLASS 6.0
27270905
ECLASS 6.2
27270905
ECLASS 7.0
27270905
ECLASS 8.0
27270905
ECLASS 8.1
27270905
ECLASS 9.0
27270905
ECLASS 10.0
27270905
ECLASS 11.0
27270905
ECLASS 12.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
ETIM 7.0
EC002651
ETIM 8.0
EC002651
UNSPSC 16.0901
39121528
2
FIBER-OPTIC SENSORS AND FIBERS | SICK
Product data sheet | 2024-03-13 18:14:53
Subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com