Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSF05A20 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FSF05A20
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FSF05A20 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FSF05A20 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FSF05A20 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery Diode
FSF05A20
www.iscsemi.com
1
FEATURES
· Soft Recovery
· Low Leakage Current
· Fast Recovery Time
APPLICATIONS
· PFC
· AC/DC Power Supplies
· DC/DC Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
5
A
IFSM
Non-repetitive Peak Surge Current
(Half Sine Wave, 1 cycle,Non-repetitive)
80
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
5.0
℃
/W
1 3


Similar Part No. - FSF05A20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF05A20 NIEC-FSF05A20 Datasheet
53Kb / 4P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FSF05A20 KSS-FSF05A20 Datasheet
719Kb / 5P
Fast Recovery Diode
logo
Nihon Inter Electronics...
FSF05A20B NIEC-FSF05A20B Datasheet
54Kb / 4P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FSF05A20B KSS-FSF05A20B Datasheet
723Kb / 5P
Fast Recovery Diode
logo
Inchange Semiconductor ...
FSF05A20B ISC-FSF05A20B Datasheet
283Kb / 2P
Fast Recovery Diode
More results

Similar Description - FSF05A20

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com