Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-PSA-CSS-C10 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PSA-CSS-C10
Description  High brightness surface mount LED.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PSA-CSS-C10 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-PSA-CSS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PSA-CSS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
BL-P
SS; Super Red
Full
625 - 640
BL-PS
R-CS, -SS; Red (AS)
BL-P
SR-TS; Red (TS)
Full
620 – 630
620 - 635
BL-P
SA; Amber
Full
W
X
610 – 621
610 – 615
615 – 621
BL-P
SO; Orange
Full
W
X
Y
Z
600 – 612
600 – 603
603 – 606
606 - 609
609 - 612
BL-P
SY; Yellow
Full
W
X
Y
Z
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
BL-P
SG; Green
Full
W
X
Y
Z
564.5 – 576.5
564.5 – 567.5
567.5 – 570.5
570.5 – 573.5
573.5 – 576.5
Dominant wavelength is measured with an accuracy of
±1 nm.
Vf Binning (Optional).
Vf Bin @ 20mA
Forward voltage (V)
01
1.55 … 1.85
02
1.85 … 2.15
03
2.15 … 2.45
04
2.45 … 2.75
Forward voltage, Vf is measured with an accuracy of
± 0.1 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com