Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCS-MCB-R1500-1 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QCS-MCB-R1500-1
Description  Ultra-Flexible RF Cables & Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QCS-MCB-R1500-1 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QCS-MCB-R1500-1 Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QCS-MCB-R1500-1 Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra-Flexible RF Cables & Assemblies
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.4
QR1500U
Low Loss, Ultra Flexible
Features:
Applications:
* Low Insertion Loss
* Wireless Communication
* High Weatherability
* Microwave Interconnect
* UV Resistant
* Ultra Flexible
Electrical
Frequency:
DC~2GHz
Cut-off Frequency:
10GHz
Impedance:
50Ω
Velocity of Propagation:
87%
Shielding Effectiveness:
90dB min.
Voltage Withstand:
4000V DC
Mechanical
Bend Radius (installation):
40.0mm
Bend Radius (repeated):
80.0mm
Weight:
250g/m
Environmental
Temperature:
-40~+85
℃
Outdoor Life:
20 years
Construction
No.
Name
Size (mm)
Material
1 Inner Conductor
4.47
Stranded Copper
2
Dielectric
11.56
Foam PE
3 Outer Conductor
11.71
Double-edged aluminum foil
4
Outer Shield
12.45
Tin-plated copper braid
5
Jacket
15.00
TPE
Attenuation & Power Handling
Frequency (GHz)
0.03
0.05
0.15
0.22
0.45
0.9
1.5
1.8
2
Attenuation*1 (dB/100m)
1.7
2.2
3.8
4.6
6.8
9.8
13.1
14.5
15.4
Average Power*2 (W)
4590
3540
2010
1640
1130
770
580
530
500
[1] VSWR:1.0; Ambient: +25
℃ (77℉)
[2] VSWR:1.0; Ambient: +40
℃ (104℉); Sea level
Calcuate Cable Attenuation: Attenuation (dB/100m) =
0.2974409∗ F(MHz)+0.0010236∗F(MHz)
Calcuate Connector Attenuation: Attenuation (dB) =
0.03∗ F(GHz)
How To Order
QR1500U-X-Y-Z
X: Frequency in GHz
Y: Connector type
Z: Length in meters
Examples:
To order a QR1500U cable assembly, DC-2GHz, 7/16 DIN male, 1.5
meters, specify QR1500U-2-77-1.5.
Connector naming rules:
7 - 7/16 DIN (L29) (2GHz, VSWR 1.35)
Female Connector - Add‘F’after connector name
Right Angle - Add‘R’after connector name (VSWR increase 0.1)


Similar Part No. - QCS-MCB-R1500-1

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QCS-MCB-R1500-1 QUALWAVE-QCS-MCB-R1500-1 Datasheet
110Kb / 1P
Connector
Rev 1.1
QCS-MCB-R1500-1 QUALWAVE-QCS-MCB-R1500-1 Datasheet
169Kb / 2P
Flexible RF Cables & Assemblies
Rev 1.3
More results

Similar Description - QCS-MCB-R1500-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35954-12 PASTERNACK-PE35954-12 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE35954-18 PASTERNACK-PE35954-18 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
logo
Taoglas antenna solutio...
FXP74.07.0100A TAOGLAS-FXP74.07.0100A Datasheet
1Mb / 14P
Flexible, Ultra Low Profile
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
RF Cable Assemblies
logo
Mini-Circuits
ULC-1FT-SMSM MINI-ULC-1FT-SMSM Datasheet
332Kb / 3P
Ultra-Flexible Test Cable
ULC-1M-SMSM MINI-ULC-1M-SMSM Datasheet
331Kb / 3P
Ultra-Flexible Test Cable
ULC-6FT-SMSM MINI-ULC-6FT-SMSM Datasheet
333Kb / 3P
Ultra-Flexible Test Cable
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
logo
Suntsu Electronics, Inc...
SCBRF SUNTSU-SCBRF Datasheet
931Kb / 3P
RF Antenna Cables
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com