Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCB-MCB-R600-3 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QCB-MCB-R600-3
Description  Flexible RF Cables & Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QCB-MCB-R600-3 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QCB-MCB-R600-3 Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QCB-MCB-R600-3 Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flexible RF Cables & Assemblies
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.4
QR600
Low Loss
Features:
Applications:
* Low Insertion Loss
* Wireless Communication
* High Weatherability
* Microwave Interconnect
* UV Resistant
Electrical
Frequency:
DC~5.8GHz
Cut-off Frequency:
30GHz
Impedance:
50Ω
Velocity of Propagation:
83%
Shielding Effectiveness:
90dB min.
Voltage Withstand:
1500V DC
Mechanical
Bend Radius (installation):
20.0mm
Bend Radius (repeated):
65.0mm
Weight:
50g/m
Environmental
Temperature:
-40~+85
℃
Outdoor Life:
20 or 10 years
Construction
No.
Name
Size (mm)
Material
1 Inner Conductor
1.42
Copper
2
Dielectric
3.81
Foam PE
3 Outer Conductor
3.94
Double-edged aluminum foil
4
Outer Shield
4.52
Tin-plated copper braid
5
Jacket
6.00
PE or PVC
Attenuation & Power Handling
Frequency (GHz)
0.03
0.05
0.15
0.22
0.45
0.9
1.5
1.8
2
2.5
5.8
Attenuation*1 (dB/100m)
4.4
5.7
10.0
12.2
17.5
25.1
32.8
36.1
38.1
42.9
67.5
Average Power*2 (W)
1490
1150
660
540
380
260
200
180
170
150
100
[1] VSWR:1.0; Ambient: +25
℃ (77℉)
[2] VSWR:1.0; Ambient: +40
℃ (104℉); Sea level
Calcuate Cable Attenuation: Attenuation (dB/100m) =
0.8038058∗ F(MHz)+0.0010827∗F(MHz)
Calcuate Connector Attenuation: Attenuation (dB) =
0.03∗ F(GHz)
How To Order
QR600-X-Y-Z
X: Frequency in GHz
Y: Connector type
Z: Length in meters
Examples:
To order a QR600 cable assembly, DC-5.8GHz, SMA male to SMA
female, 1.5 meters, specify QR600-5.8-SSF-1.5.
Connector naming rules:
S - SMA (6GHz, VSWR 1.35)
N - N (6GHz, VSWR 1.35)
T - TNC (6GHz, VSWR 1.35)
X - MMCX (6GHz, VSWR 1.35)
M - MCX (6GHz, VSWR 1.35)
B - BNC (4Hz, VSWR 1.4)
D - SMB (4GHz, VSWR 1.35)
Female Connector - Add‘F’after connector name
Right Angle - Add‘R’after connector name (VSWR increase 0.1)


Similar Part No. - QCB-MCB-R600-3

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QCB-MCB-R600-3 QUALWAVE-QCB-MCB-R600-3 Datasheet
165Kb / 1P
Connector
Rev 1.1
QCB-MCB-R600-3 QUALWAVE-QCB-MCB-R600-3 Datasheet
169Kb / 2P
Ultra-Flexible RF Cables & Assemblies
Rev 1.4
More results

Similar Description - QCB-MCB-R600-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35954-12 PASTERNACK-PE35954-12 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE35954-18 PASTERNACK-PE35954-18 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
logo
List of Unclassifed Man...
TL-8A ETC2-TL-8A Datasheet
195Kb / 6P
HUBERSUHNER짰 DATA SHEET RF ASSEMBLIES
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
RF Cable Assemblies
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
logo
Suntsu Electronics, Inc...
SCBRF SUNTSU-SCBRF Datasheet
931Kb / 3P
RF Antenna Cables
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com