Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85411AMILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS85411AMILF
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85411AMILF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS85411AMILF Datasheet HTML 1Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 2Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 3Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 4Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 5Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 6Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 7Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 8Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-
LVDS FANOUT BUFFER
ICS85411I
IDT™ / ICS™ DIFFERENTIAL-TO-LVDS FANOUT BUFFER
1
ICS85411AMI REV. B NOVEMBER 7, 2007
GENERAL DESCRIPTION
The ICS85411I is a low skew, high performance
1-to-2 Differential-to-LVDS Fanout Buffer and a
member of the HiPerClockS™ family of High
Perfor mance Clock Solutions from IDT. The CLK,
nCLK pair can accept most standard differential in-
put levels.The ICS85411I is character ized to operate from
a 3.3V power supply. Guaranteed output and par t-to-par t
skew characteristics make the ICS85411I ideal for those
clock distribution applications demanding well defined per-
for mance and repeatability.
FEATURES
• Two differential LVDS outputs
• One differential CLK, nCLK clock input
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 650MHz
• Translates any single ended input signal to
LVDS levels with resistor bias on nCLK input
• Output skew: 25ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• Propagation delay: 2.5ns (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead free (RoHS 6)
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85411I
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
HiPerClockS™
ICS
VDD
CLK
nCLK
GND
8
7
6
5
Q0
nQ0
Q1
nQ1
CLK
nCLK


Similar Part No. - ICS85411AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411AM ICST-ICS85411AM Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS85411AMLF ICST-ICS85411AMLF Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS85411AMLFT ICST-ICS85411AMLFT Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS85411AMT ICST-ICS85411AMT Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
More results

Similar Description - ICS85411AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
logo
Integrated Device Techn...
ICS889832 IDT-ICS889832 Datasheet
681Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS854S14I IDT-ICS854S14I Datasheet
296Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS858S011I RENESAS-ICS858S011I Datasheet
677Kb / 15P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
September 19, 2017
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com