Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV60K7 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CV60K7
Description  CV Series - Medium Voltage Disc Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CV60K7 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CV60K7 Datasheet HTML 1Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 2Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 3Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 4Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 5Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 6Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 7Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 8Page - Bourns Electronic Solutions CV60K7 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Product Dimensions
Model
Dimension
D (Max.)
t (Max.)
R
d
h (Max.)
a
CV 50 K 5
7
(.276)
3.5
(.138)
5
(.197)
0.6
(.024)
9.5
(.374)
1.0
(.039)
CV 50 K 7
9
(.354)
3.5
(.138)
5
(.197)
0.6
(.024)
11.5
(.453)
1.0
(.039)
CV 50 K 10
12.5
(.492)
4.1
(.161)
7.5
(.295)
0.8
(.031)
15
(.591)
1.3
(.051)
CV 50 K 14
16.5
(.650)
4.1
(.161)
7.5
(.295)
0.8
(.031)
20
(.787)
1.4
(.055)
CV 50 K 20
22.5
(.886)
4.5
(.177)
10
(.394)
1.0
(.039)
26
(1.024)
1.6
(.063)
CV 60 K 5
7
(.276)
3.5
(.138)
5
(.197)
0.6
(.024)
9.5
(.374)
1.1
(.043)
CV 60 K 7
9
(.354)
3.5
(.138)
5
(.197)
0.6
(.024)
11.5
(.453)
1.1
(.043)
CV 60 K 10
12.5
(.492)
4.1
(.161)
7.5
(.295)
0.8
(.031)
15
(.591)
1.4
(.055)
CV 60 K 14
16.5
(.650)
4.2
(.165)
7.5
(.295)
0.8
(.031)
20
(.787)
1.5
(.059)
CV 60 K 20
22.5
(.886)
4.6
(.186)
10
(.394)
1.0
(.039)
26
(1.024)
1.7
(.067)
CV 75 K 5
7
(.276)
3.6
(.142)
5
(.197)
0.6
(.024)
9.5
(.374)
1.2
(.047)
CV 75 K 7
9
(.354)
3.6
(.142)
5
(.197)
0.6
(.024)
11.5
(.453)
1.2
(.047)
CV 75 K 10
12.5
(.492)
4.2
(.165)
7.5
(.295)
0.8
(.031)
15
(.591)
1.5
(.059)
CV 75 K 14
16.5
(.650)
4.2
(.165)
7.5
(.295)
0.8
(.031)
20
(.787)
1.5
(.059)
CV 75 K 20
22.5
(.886)
4.6
(.186)
10
(.394)
1.0
(.039)
26
(1.024)
1.7
(.067)
CV 95 K 5
7
(.276)
3.8
(.150)
5
(.197)
0.6
(.024)
9.5
(.374)
1.4
(.055)
CV 95 K 7
9
(.354)
3.8
(.150)
5
(.197)
0.6
(.024)
11.5
(.453)
1.4
(.055)
CV 95 K 10
12.5
(.492)
4.3
(.169)
7.5
(.295)
0.8
(.031)
15
(.591)
1.7
(.067)
CV 95 K 14
16.5
(.650)
4.3
(.169)
7.5
(.295)
0.8
(.031)
20
(.787)
1.7
(.067)
CV 95 K 20
22.5
(.886)
4.6
(.186)
10
(.394)
1.0
(.039)
26
(1.024)
1.9
(.075)
CV 115 K 5
7
(.276)
4.0
(.157)
5
(.197)
0.6
(.024)
9.5
(.374)
1.6
(.063)
CV 115 K 7
9
(.354)
4.0
(.157)
5
(.197)
0.6
(.024)
11.5
(.453)
1.6
(.063)
CV 115 K 10
12.5
(.492)
4.3
(.169)
7.5
(.295)
0.8
(.031)
15
(.591)
1.9
(.075)
CV 115 K 14
16.5
(.650)
4.4
(.173)
7.5
(.295)
0.8
(.031)
20
(.787)
1.9
(.075)
CV 115 K 20
22.5
(.886)
4.8
(.189)
10
(.394)
1.0
(.039)
26
(1.024)
2.1
(.083)
CV 130 K 5
7
(.276)
4.0
(.157)
5
(.197)
0.6
(.024)
9.5
(.374)
1.8
(.071)
CV 130 K 7
9
(.354)
4.0
(.157)
5
(.197)
0.6
(.024)
11.5
(.453)
1.8
(.071)
CV 130 K 10
12.5
(.492)
4.5
(.177)
7.5
(.295)
0.8
(.031)
15
(.591)
2.0
(.079)
CV 130 K 14
16.5
(.650)
4.6
(.181)
7.5
(.295)
0.8
(.031)
20
(.787)
2.0
(.079)
CV 130 K 20
22.5
(.886)
5.0
(.197)
10
(.394)
1.0
(.039)
26
(1.024)
2.2
(.087)
3312 - 2 mm SMD Trimming Potentiometer
CV Series - Medium Voltage Disc Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
D
3.0
(.118)
MAX.
3.0
(.118)
MAX.
t
D
t
h
25.0
(.984)
MIN.
h
25.0
(.984)
MIN.
R
R
a
d
a
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com