Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS4J-4026R-L200FE Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CSS4J-4026R-L200FE
Description  Model CSS4J-4026 Series Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS4J-4026R-L200FE Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CSS4J-4026R-L200FE Datasheet HTML 1Page - Bourns Electronic Solutions CSS4J-4026R-L200FE Datasheet HTML 2Page - Bourns Electronic Solutions CSS4J-4026R-L200FE Datasheet HTML 3Page - Bourns Electronic Solutions CSS4J-4026R-L200FE Datasheet HTML 4Page - Bourns Electronic Solutions CSS4J-4026R-L200FE Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Model CSS4J-4026 Series Current Sense Resistor
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
Components packaged on plastic tape & reel per EIA-481.
Standard Reel Size: 13 inches
Tape Width:
16 mm
Quantity:
1,500 pcs. per reel
Mini-Reel Size:
7 inches
Tape Width:
16 mm
Quantity:
400 pcs. per reel
TOP COVER TAPE
COMPONENT
ORIENTATION
0.26
(0.010)
0.28
(0.011)
MATTE
FINISH
EMBOSSED
CARRIER
CSS4J-4026R
1L00 1%
1902
CSS4J-4026R
1L00 1%
1902
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
REV. 11/21
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
1
10
100
1000
10000
0.0001
0.00001
0.001
0.01
0.1
110
100
Pulse Width (Seconds)
0.0001
0.00001
0.001
0.01
0.1
110
100
Pulse Width (Seconds)
0.001
0.01
0.1
1
10
100
1000
Power (W)
1 m
Power (W)
2 m
Energy (J)
1 m
Energy (J)
2 m
Maximum Pulse Power
Maximum Pulse Energy
1
10
100
1000
10000
0.0001
0.00001
0.001
0.01
0.1
110
100
Pulse Width (Seconds)
0.0001
0.00001
0.001
0.01
0.1
110
100
Pulse Width (Seconds)
0.001
0.01
0.1
1
10
100
1000
Power (W)
1 m
Power (W)
2 m
Energy (J)
1 m
Energy (J)
2 m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com