Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1150-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1150-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1150-Y Datasheet HTML 1Page - STMicroelectronics STPS1150-Y Datasheet HTML 2Page - STMicroelectronics STPS1150-Y Datasheet HTML 3Page - STMicroelectronics STPS1150-Y Datasheet HTML 4Page - STMicroelectronics STPS1150-Y Datasheet HTML 5Page - STMicroelectronics STPS1150-Y Datasheet HTML 6Page - STMicroelectronics STPS1150-Y Datasheet HTML 7Page - STMicroelectronics STPS1150-Y Datasheet HTML 8Page - STMicroelectronics STPS1150-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage, Tj = -40 °C to +175 °C
150
V
IF(RMS)
Forward rms current
15
A
IF(AV)
Average forward current
TL = 150 °C, δ = 0.5 square wave
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
108
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range(1)
-40 to +175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Max. value
Unit
Rth(j-l)
Junction to lead
30
°C/W
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
0.2
1.0
µA
Tj = 125 °C
-
0.2
1.0
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 1 A
-
0.78
0.82
V
Tj = 125 °C
-
0.62
0.67
Tj = 25 °C
IF = 2 A
-
0.85
0.89
Tj = 125 °C
-
0.69
0.75
1. tp = 5 ms, δ < 2%
2. tp = 380 μs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.59 x IF(AV) + 0.08 x IF2(RMS)
STPS1150-Y
Characteristics
DS7258 - Rev 3
page 2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com