Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1150RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1150RL
Description  150 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150RL Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1150RL Datasheet HTML 1Page - STMicroelectronics STPS1150RL Datasheet HTML 2Page - STMicroelectronics STPS1150RL Datasheet HTML 3Page - STMicroelectronics STPS1150RL Datasheet HTML 4Page - STMicroelectronics STPS1150RL Datasheet HTML 5Page - STMicroelectronics STPS1150RL Datasheet HTML 6Page - STMicroelectronics STPS1150RL Datasheet HTML 7Page - STMicroelectronics STPS1150RL Datasheet HTML 8Page - STMicroelectronics STPS1150RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
•
Negligible switching losses
•
Low forward voltage drop for higher efficiency and extended battery life
•
Low thermal resistance
•
Surface mount miniature package
•
Avalanche capability
•
ECOPACK2 compliant component
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
Telecom power
Description
This 150 V power Schottky rectifier is ideal for switch mode power supplies on up to
24 V rails and high frequency converters.
Packaged in SMA, SMA Flat Notch and axial, the STPS1150 is optimized for use in
consumer and computer applications where low drop forward voltage is required to
reduce power dissipation.
Product status
STPS1150
Product summary
Symbol
Values
IF(AV)
1 A
VRRM
150 V
Tj (max.)
175 °C
VF(typ.)
0.62 V
150 V, 1 A power Schottky rectifier
STPS1150
Datasheet
DS3281 - Rev 8 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1150RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1150RL STMICROELECTRONICS-STPS1150RL Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
REV. 3
STPS1150RL STMICROELECTRONICS-STPS1150RL Datasheet
104Kb / 7P
Power Schottky rectifier
31-May-2006
More results

Similar Description - STPS1150RL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301 Datasheet
115Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
VSKDS303 VISHAY-VSKDS303 Datasheet
156Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150_V01 Datasheet
392Kb / 16P
150 V, 3 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301_V01 Datasheet
132Kb / 7P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG150G10ELR-Q NEXPERIA-PMEG150G10ELR-Q Datasheet
258Kb / 14P
150 V, 1 A Silicon Germanium (SiGe) rectifier
14 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com