Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G331 Datasheet(PDF) 1 Page - Multicomp Pro

Part # G331
Description  Multipurpose Enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G331 Datasheet(HTML) 1 Page - Multicomp Pro

  G331 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
09/10/20
Multipurpose Enclosures
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Polycarbonate Material:
Moulded in
: Light Grey.
Operating Temperature
: -40°C to +120°C
High impact ABS Material:
Moulded in
: Dark Grey.
Suggested Operating Temperature : -20°C to 80°C.
The lid and base incorporate a tongue and groove sealing system with a neoprene gasket.
Wall mounting holes and lid fixing screws are outside the sealing area thus preventing the ingress of moisture and dust.
Designed to IP 65 of IEC 529 and nema 4 (dust and hoseproof).
Available with clear or light grey LIDS.
Internal guide slots for mounting PCB assemblies vertically.
Bosses on internal base allow fixing of PCB’s horizontally or connection of terminals, etc into threaded brass inserts.
Lid fixing screw are M-4 stainless steel (nonmagnetic) into threaded brass inserts.
Specifications Table
Colour
Material
External
Dimensions
(mm)
Part Number
Dark Grey
ABS
64 × 58 × 35
G302
115 × 65 × 40
G304
115 × 65 × 55
G308
115 × 90 × 55
G311
171 × 121 × 55
G313
222 × 146 × 55
G317
115 × 90 × 80
G331
171 × 121 × 80
G340
195 × 80 × 55
G346
222 × 146 × 75
G353
52 × 50 × 35
G362
82 × 80 × 55
G366
Colour
Material
External
Dimensions
(mm)
Part Number
160 × 80 × 55
G368
200 × 120 × 75
G373
265 × 185 × 95
G378
120 × 120 × 60
G386
120 × 120 × 90
G387
160 × 160 × 60
G396
160 × 160 × 90
G399
240 × 160 × 90
G3008
240 × 160 × 120
G3019
300 × 230 × 86
G3028
300 × 230 × 111
G3031
360 × 200 × 150
G3039
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - G331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G331 ETC1-G331 Datasheet
60Kb / 2P
Multipurpose Enclosures
logo
GTM CORPORATION
G3314 GTM-G3314 Datasheet
385Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3314 ETL-G3314 Datasheet
397Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7110 ETC-HMS30C7110 Datasheet
973Kb / 161P
Multipurpose Network Processor
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
G287 ETC2-G287 Datasheet
114Kb / 1P
Multipurpose Boxes
SCB1W ETC2-SCB1W Datasheet
29Kb / 2P
Small Multipurpose Boxes
logo
TDK Electronics
RSEL-20R5W TDK-RSEL-20R5W Datasheet
1Mb / 5P
Compact Multipurpose Type
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com