Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

918125-RIGID Datasheet(PDF) 1 Page - Metcal

Part # 918125-RIGID
Description  Dispensing Tips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

918125-RIGID Datasheet(HTML) 1 Page - Metcal

  918125-RIGID Datasheet HTML 1Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 Stainless-steel cannula with a double
Helix polypropylene hub
 Burr-free and electro-polished
cannula for unobstructed and
consistent material flow
 Silicone and chloride free
 Sold in packs of 50
TE Tips Series
 Precision bent tips at 45° and
90° angles
 Perfect for dispensing fluid in hard
to reach places
 Sold in packs of 50
TE Bent Tip Series
 Stainless-steel cannula with a double
Helix polypropylene hub
 Burr-free and electro-polished
cannula for unobstructed and
consistent material flow
 Silicone and chloride free
 Sold in packs of 12
Brush Tips
 Kit contains a selection of most
popular TE, TE Bent and TT tips
Dispensing Tip Kit
Gauge Soft Bristle
Stiff Bristle
16
916BT-SOFT
916BT-STIFF
18
918BT-SOFT
918BT-STIFF
22
922BT-SOFT
922BT-STIFF
Gauge Colour
Standard Tips
Rigid Tips
14
Olive
914125-DHUV
914125-RIGID
16
Grey
916125-DHUV
916125-RIGID
18
Green
918125-DHUV
918125-RIGID
20
Pink
920125-DHUV
920125-RIGID
22
Blue
922125-DHUV
922125-RIGID
25
Red
925125-DHUV
925125-RIGID
27
Clear
927125-DHUV
927125-RIGID
Gauge Colour
TS-P Needle
15
Grey
915150-PTS
16
Brown
916150-PTS
18
Pink
918150-PTS
20
Yellow
920150-PTS
22
Black
922150-PTS
25
Red
925150-PTS
900-NK
Dispensing Tip Kit
Color Coding and Gauge For TE Series and TE Bent Tips
Gauge
Colour
I.D. (inches)
I.D.(mm)
14
Olive
0.063
1.600
15
Amber
0.054
1.371
18
Green
0.033
0.838
20
Pink
0.024
0.610
21
Purple
0.020
0.508
22
Blue
0.016
0.406
23
Orange
0.013
0.330
25
Red
0.010
0.254
27
Clear
0.008
0.203
30
Lavender
0.006
0.152
32
Yellow
0.004
0.102
34
Lime Green
0.0037
0.095
Gauge
1/4"
(6.35 mm)
1/2"
(12.7 mm)
1"
(25.4 mm)
1-1/2"
(38.1 mm)
14
914050-TE
914100-TE
914150-TE
15
915050-TE
915100-TE
915150-TE
18
918025-TE
918050-TE
918100-TE
918150-TE
20
920025-TE
920050-TE
920100-TE
920150-TE
21
921025-TE
921050-TE
921100-TE
921150-TE
22
922025-TE
922050-TE
922100-TE
922150-TE
23
923025-TE
923050-TE
923100-TE
923150-TE
25
925025-TE
925050-TE
27
927025-TE
927050-TE
30
930025-TE
930050-TE
32
932025-TE
34
934025-TE
Length
1/2" (12.7mm)
1-1/2" (38.1mm)
Gauge 90°
45°
45°
14
914050-90BTE
914050-45BTE
914150-45BTE
15
915050-90BTE
915050-45BTE
18
918050-90BTE
918050-45BTE
918150-45BTE
20
920050-90BTE
920050-45BTE
21
921050-90BTE
921050-45BTE
921150-45BTE
22
922050-90BTE
922050-45BTE
23
923050-90BTE
923050-45BTE
25
925050-90BTE
925050-45BTE
27
927050-90BTE
927050-45BTE
30
930050-90BTE
930050-45BTE
 Flexible tips allow access to hard
to reach areas
 38 mm (1-1/2") length. The length
can also be customized
 Ideal for CA applications
 Both hub and cannula are made
from polypropylene
 Sold in packs of 50
Flexible Plastic Tips
 Tapered tip prevents blockage
and increase flow of high viscosity
filled materials. Length 31.7 mm
 Standard tips molded in high
density polyethylene with UV
light block additive
 Rigid Tips in opaque color – Provides
total protection from premature
curing by UV/visible light
 Sold in packs of 50
Tapered Series Tips
Fluid Dispensing
Dispensing Tips
www.metcal.com


Similar Part No. - 918125-RIGID

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9181 ETC2-9181 Datasheet
2Mb / 6P
Single and dual output models with up to 210W output power
logo
B&K Precision Corporati...
9181 BK-9181 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
logo
Heyco.
9181 HEYCO-9181 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Molex Electronics Ltd.
9181-39111 MOLEX11-9181-39111 Datasheet
133Kb / 2P
5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 11 Circuits, White, with Ramp, Glow Wire Compatible
91813-9002 MOLEX11-91813-9002 Datasheet
63Kb / 2P
5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 2 Circuits, White, Glow
More results

Similar Description - 918125-RIGID

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
logo
E-SWITCH
N111204 E-SWITCH-N111204 Datasheet
50Kb / 1P
Packaged : In Dispensing Tube
N211062 E-SWITCH-N211062 Datasheet
50Kb / 1P
Packaged : In Dispensing Tube
N211081 E-SWITCH-N211081 Datasheet
56Kb / 1P
Packaged : In Dispensing Tube
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com