Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 2 Page - Multicomp Pro

Part # ES2F
Description  ES2x Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ES2F Datasheet(HTML) 2 Page - Multicomp Pro

  ES2F Datasheet HTML 1Page - Multicomp Pro ES2F Datasheet HTML 2Page - Multicomp Pro ES2F Datasheet HTML 3Page - Multicomp Pro ES2F Datasheet HTML 4Page - Multicomp Pro ES2F Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES2x Series
Page <2>
21/07/08 V1.1
Maximum Ratings and Electrical Characteristics
Notes: 1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1MHz and Applied VR = 4.0 Volts.
3. Units Mounted on PCB 0.4 x 0.4 inches (10mm x 10mm) Pad Areas.
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol ES2A
ES2B
ES2C
ES2D
ES2F
ES2G
ES2H
ES2J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
Maximum Average Forward Rectified Current
I (AV)
2.0
A
Peak Forward Surge Current, 8.3ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
50
Maximum Instantaneous Forward Voltage
at 2.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
at TA = 25°C at Rated DC Blocking Voltage
at TA = 100°C
IR
10
350
µA
µA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
25
20
pF
Maximum Thermal Resistance (Note 3)
RθJA
RθJL
75
20
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com