Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7388 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7388
Description  4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7388 Datasheet HTML 1Page - STMicroelectronics TDA7388 Datasheet HTML 2Page - STMicroelectronics TDA7388 Datasheet HTML 3Page - STMicroelectronics TDA7388 Datasheet HTML 4Page - STMicroelectronics TDA7388 Datasheet HTML 5Page - STMicroelectronics TDA7388 Datasheet HTML 6Page - STMicroelectronics TDA7388 Datasheet HTML 7Page - STMicroelectronics TDA7388 Datasheet HTML 8Page - STMicroelectronics TDA7388 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
TDA7388
Table 4. Electrical Characteristcs (VS = 14.4V; f = 1KHz; Rg = 600Ω; RL = 4Ω;Tamb = 25°C; Refer to the
Test and application diagram, unless otherwise specified.)
(*) Saturated square wave output.
(
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent Current
RL = ∞
120
190
350
mA
VOS
Output Offset Voltage
Play Mode
±80
mV
∆VOS
During Mute ON/OFF Output
Offset Voltage
±80
mV
Gv
Voltage Gain
25
26
27
dB
Po
Output Power
THD = 10%; VS = 14.4V
22
26
W
Po max
Max.Output Power (*)
VS = 14.4V
38
41
W
THD
Distortion
Po = 4W
0.04
0.15
%
eNo
Output Noise
"A" Weighted
50
70
µV
Bw = 20Hz to 20KHz
70
100
µV
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 1Vrms
50
65
dB
fch
High Cut-Off Frequency
Po = 0.5W
100
200
KHz
Ri
Input Impedance
70
100
K
Ω
CT
Cross Talk
f = 1KHz; Po = 4W
60
70
dB
f = 10KHz; Po = 4W
50
60
dB
ISB
St-By Current Consumption
50
µA
VSB out
St-By OUT Threshold
Voltage
(Amp: ON)
3.5
V
VSB IN
St-By IN Threshold Voltage
(Amp: OFF)
1.5
V
AM
Mute Attenuation
POref = 4W
80
90
dB
VM out
Mute OUT Threshold Voltage (Amp: Play)
3.5
V
VM in
Mute IN Threshold Voltage
(Amp: Mute)
1.5
V
VAM in
VS Automute Threshold
(Amp: Mute); Att
≥ 80dB; POref = 4Ω
(Amp: Play); Att < 0.1dB; PO = 0.5Ω
7.6
6.5
8.5
V
V
Ipin22
Muting Pin Current
VMUTE = 1.5V
(Source Current)
511
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com