Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHT1000
Description  Heat Gun
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHT1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHT1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Code: PHT1000
Product Name: Heat Gun
Features & Benefits:
• 230v, 50Hz, 300W
• Fitted with UK & EU plug options
• Built-in stand
• Heat resistant glove included
Heat Gun
Ideal for modelling, art, craft & other specialist applications. Perfect for curing embossing
powders, shrinking plastic, vinyl & film. Can also be used for quick drying of paints, glues,
inks & polymer clays.


Similar Part No. - PHT1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHT11N06 PHILIPS-PHT11N06 Datasheet
69Kb / 9P
TrenchMOS transistor Logic level FET
January 1998 Rev 1.100
PHT11N06 PHILIPS-PHT11N06 Datasheet
75Kb / 10P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHT11N06LT PHILIPS-PHT11N06LT Datasheet
69Kb / 9P
TrenchMOS transistor Logic level FET
January 1998 Rev 1.100
PHT11N06T PHILIPS-PHT11N06T Datasheet
75Kb / 10P
TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHT1N52S PHILIPS-PHT1N52S Datasheet
27Kb / 5P
PowerMOS transistor
February 1998 Rev 1.000
More results

Similar Description - PHT1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6966C ETC2-6966C Datasheet
103Kb / 1P
250 Watts Electric Industrial Heat Gun
logo
OEN India Limited
04-TG1 OENINDIA-04-TG1 Datasheet
54Kb / 1P
Tie Gun
logo
3M Electronics
26832 3M-26832 Datasheet
306Kb / 7P
Performance Spray Gun
Apr-2020
logo
Festo Corporation.
35528 FESTO-35528 Datasheet
80Kb / 1P
Low consumption air gun
184318 FESTO-184318 Datasheet
77Kb / 1P
Low consumption air gun
184321 FESTO-184321 Datasheet
63Kb / 1P
Air gun nozzle
184322 FESTO-184322 Datasheet
92Kb / 1P
Air gun nozzle
565316 FESTO-565316 Datasheet
60Kb / 1P
Air gun nozzle
565317 FESTO-565317 Datasheet
59Kb / 1P
Air gun nozzle
logo
Aven, Inc.
17601 AVEN-17601 Datasheet
1Mb / 2P
Heat Gun With Adjustable Temperature Control
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com