Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39301080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39301080
Description  Mini-Fit Jr. Power Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39301080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39301080 Datasheet HTML 1Page - Molex Electronics Ltd. 39301080 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/19/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039301080
Status:
Active
Overview:
Mini-Fit Jr. Power Connectors
Description:
Mini-Fit Jr. Header, Dual Row, Right-Angle, with Snap-in Plastic Peg PCB Lock, 8
Circuits, PA Polyamide Nylon 6/6 94V-2, 2.54µm Matte Tin (Sn) Plating
Documents:
3D Model
Application Specification AS-5557-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-5569-002-001 (PDF)
Product Specification PS-45750-001-001 (PDF)
Packaging Specification SPK-5569-NA2 (PDF)
Product Specification PS-5556-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification TS-5556-002-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
5569
Application
Power, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS
Crimp Terminal Crimped to 16 AWG wire., See Molex
Product specification PS-5556-001 for additional current
de-rating information.
Overview
Mini-Fit Jr. Power Connectors
Product Name
Mini-Fit Jr.
UPC
800754379205
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Capable
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Matte Tin
Material - Plating Termination
Matte Tin
Material - Resin
Nylon
Net Weight
2.915/g
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.78mm
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5569 Series
Mates With
Mini-Fit Jr. Receptacle Housing 5557
<br>Mini-Fit Jr. TPA Cable Assembly 45135
<br>Mini-Fit Jr. Cable Assembly 245135


Similar Part No. - 39301080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39301020 MOLEX-39301020 Datasheet
271Kb / 7P
MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
More results

Similar Description - 39301080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039293146 MOLEX3-0039293146 Datasheet
414Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr.?
0039299046 MOLEX3-0039299046 Datasheet
407Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr.?
1626482 MOLEX11-1626482 Datasheet
38Kb / 2P
4.20mm Pitch Mini-Fit Jr
39-01-2065 MOLEX11-39-01-2065 Datasheet
41Kb / 2P
Mini-Fit Jr.??Receptacle Housing
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
Mini-Fit Jr.??Power Connectors
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
Mini-Fit Jr.??Power Connectors
46993-1611 MOLEX11-46993-1611 Datasheet
59Kb / 1P
Mini-Fit Jr. Plug Housing
46993-1810 MOLEX11-46993-1810 Datasheet
60Kb / 2P
Mini-Fit Jr. Plug Housing
46993-1811 MOLEX11-46993-1811 Datasheet
59Kb / 1P
Mini-Fit Jr. Plug Housing
46999-0290 MOLEX11-46999-0290 Datasheet
38Kb / 2P
Mini-Fit Jr. Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com