Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE22FS Datasheet(PDF) 30 Page - TT Electronics.

Part # ABCIRPSE22FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE22FS Datasheet(HTML) 30 Page - TT Electronics.

Back Button ABCIRPSE22FS Datasheet HTML 26Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 27Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 28Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 29Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 30Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 31Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 32Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 33Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 34Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
ABCIRP
28
adapters
CRA (2 piece adaptor to terminate cable screen
braid to connector with conduit outer)
ABCIRP
Note: with style SCHSA or ECHSA adaptors.
This accessory can only be used in conjunction
Shell
Size
ØF Thread
Class 2B
ØF1 Thread
Class 2A
G Max
N Max
S Min
T Max
M Max
16S
7/8’’ x 20
UNEF
1’’ x 20
UNEF
10.00
27.60
9.74
25.50
13.10
18
1’’ x 20
UNEF
1
3/16’’ x 18
UNEF
11.00
30.60
12.90
29.10
16.26
20
1
3/16’’ x 18
UNEF
1
7/16’’ x 18
UNEF
18.23
35.45
21.51
22
24
1
7/16’’ x 18
UNEF
1
3/4’’ x 18
UNS
25.93
43.60
29.21
28
32
1
3/4’’ x 18
UNS
13.00
49.55
36
2’’ x 18
UNS
2’’ x 18
UNS
32.00
55.90
35.19
40
2
1/4’’ x 16
UN
2
1/4’’ x 16
UN
32.33
63.10
35.60
How to Order:
ABBP ** SPTAS #
** Shell Size
# M = Metric, P = PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com