Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE24FS Datasheet(PDF) 29 Page - TT Electronics.

Part # ABCIRPSE24FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE24FS Datasheet(HTML) 29 Page - TT Electronics.

Back Button ABCIRPSE24FS Datasheet HTML 25Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 26Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 27Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 28Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 29Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 30Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 31Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 32Page - TT Electronics. ABCIRPSE24FS Datasheet HTML 33Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
27
ABCIRP
shell extender with screening
SPTAS (non locking)
ABCIRP
How to Order:
ABBP ** SPTAS
** Shell Size
Shell
Size
ØA
B Max
ØC Max
ØF Thread
Class 2B
G Thread
ØH Thread
Class 2A
18
29.50
68.00
11.30
1’’ x 20
UNEF
M25x1.5-6H
1
3/16’’ x 18
UNEF
20*
-
-
-
-
-
-
22
36.50
68.00
21.00
1
3/16’’ x 18
UNEF
M32x1.5-6H
1
7/16’’ x 18
UNEF
24*
-
-
-
-
-
-
28
43.00
70.00
27.50
1
7/16’’ x 18
UNEF
M40x1.5-6H
1
3/4’’ x 18
UN
32*
-
-
-
-
-
-
36*
-
-
-
-
-
-
40
64.00
70.00
39.00
2
1/4’’ x 16
UN
M50x1.5-6H
2
1/4’’ x 16
UN
Note: * Please consult factory for these sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com