Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE36FS Datasheet(PDF) 5 Page - TT Electronics.

Part # ABCIRPSE36FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE36FS Datasheet(HTML) 5 Page - TT Electronics.

  ABCIRPSE36FS Datasheet HTML 1Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 2Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 3Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 4Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 5Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 6Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 7Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 8Page - TT Electronics. ABCIRPSE36FS Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
technical information
3
ABCIRP
Materials
Shell:
Aluminium Alloy
Insulator:
Low fire hazard thermoplastic qualified to
NFF 16101 and to meet BS 6853
Conforms to EN45545 HL3 R22/R23
Grommet &
bushing:
Low fire hazard rubber tested to NFF 16101
norm and to meet BS 6853
Conforms to EN45545 HL3 R22/R23
Contacts:
Copper alloy
Contact retaining clip: Beryllium copper
Accessory hardware:
Aluminium alloy
Standard Plating Finishes
Aluminium parts:
Black chromate over zinc cobalt, RoHS
compliant
Contacts:
Gold over silver #16 and #12
Silver #8
* Consult factory for alternative finishes
Environmental Ratings
Operating
temperature range:
-55˚C to +125˚C
Shock severity:
75g
Vibration:
5-500Hz long endurance.
30 hours at 10g
Acceleration:
50g
Mechanical Features
Coupling:
3 pin reverse bayonet. 120˚ coupling nut
rotation
Number of contacts: 7 to 60
Contact termination: Crimp & PCB
Minimum retention
Beryllium copper spring clip
force of the contact
70N for contacts #16 (1.6 mm)
in the insulator:
90N for contacts #12 (2.4 mm)
110N for contacts #8 (3.6 mm)
Sealing:
IP67 rated when connectors are mated and used with appropriate
sealed backshell
Matings:
2000 minimun mating and unmating
Max Coupling Torque: 8NM
ABCIRP receptacle connectors feature stainless steel pins at critical
wear points of the cam tracks. This feature is incorporated to protect
against excessive wear inflicted by continuous mating / de-mating
and heavy vibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com