Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS002AI40L Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS002AI40L
Description  175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS002AI40L Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS002AI40L Datasheet HTML 1Page - Integrated Device Technology ICS002AI40L Datasheet HTML 2Page - Integrated Device Technology ICS002AI40L Datasheet HTML 3Page - Integrated Device Technology ICS002AI40L Datasheet HTML 4Page - Integrated Device Technology ICS002AI40L Datasheet HTML 5Page - Integrated Device Technology ICS002AI40L Datasheet HTML 6Page - Integrated Device Technology ICS002AI40L Datasheet HTML 7Page - Integrated Device Technology ICS002AI40L Datasheet HTML 8Page - Integrated Device Technology ICS002AI40L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
175MHZ, FEMTOCLOCKTM VCXO BASED
SONET/SDH JITTER ATTENUATOR
ICS843002I-40
IDT™ / ICS™ VCXO BASED SONET/SDH JITTER ATTENUATOR
1
ICS843002AKI-40 REV. A NOVEMBER 7, 2007
General Description
The ICS843002I-40 is a member of the
HiperClockS™ family of high performance clock
solutions from IDT. The ICS843002I-40 is a PLL
based synchronous clock generator that is
optimized for SONET/SDH line card applications
where jitter attenuation and frequency translation is needed. The
device contains two internal PLL stages that are cascaded in
series. The first PLL stage uses a VCXO which is optimized to
provide reference clock jitter attenuation and to be jitter tolerant,
and to provide a stable reference clock for the 2nd PLL stage
(typically 19.44MHz). The second PLL stage provides additional
frequency multiplication (x32), and it maintains low output jitter by
using a low phase noise FemtoClock VCO. PLL multiplication
ratios are selected from internal lookup tables using device input
selection pins. The device performance and the PLL multiplication
ratios are optimized to support non-FEC (non-Forward Error
Correction) SONET/SDH applications with rates up to OC-48
(SONET) or STM-16 (SDH). The VCXO requires the use of an
external, inexpensive pullable crystal. VCXO PLL uses external
passive loop filter components which are used to optimize the PLL
loop bandwidth and damping characteristics for the given
line card application.
The ICS843002I-40 includes two clock input ports. Each one can
accept either a single-ended or differential input. Each input port
also includes an activity detector circuit, which reports input clock
activity through the LOR0 and LOR1 logic output pins. The two
input ports feed an input selection mux. “Hitless switching” is
accomplished through proper filter tuning. Jitter transfer and
wander characteristics are influenced by loop filter tuning, and
phase transient performance is influenced by both loop filter
tuning and alignment error between the two reference clocks.
Typical ICS843002I-40 configuration in SONET/SDH Systems:
• VCXO 19.44MHz crystal
• Loop bandwidth: 50Hz - 250Hz
• Input Reference clock frequency selections:
19.44MHz, 38.88MHz, 77.76MHz, 155.52MHz, 311.04MHz,
622.08MHz
• Output clock frequency selections:
19.44MHz, 77.76MHz, 155.52MHz, Hi-Z
Features
• Two Differential LVPECL outputs
• Selectable CLKx, nCLKx differential input pairs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL or
single-ended LVCMOS or LVTTL levels
• Maximum output frequency: 175MHz
• FemtoClock VCO frequency range: 560MHz - 700MHz
• RMS phase jitter @ 155.52MHz, using a 19.44MHz crystal
(12kHz to 20MHz): 0.81ps (typical)
• Full 3.3V or mixed 3.3V core/2.5V output operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
Pin Assignment
ICS
843002I-40
32-Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View
HiPerClockS™
ICS
9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
LF1
LF0
ISET
VCC
CLK0
nCLK0
CLK_SEL
nc
LOR0
LOR1
nc
VCCO_LVCMOS
VCCO_LVPECL
nQB
QB
VEE


Similar Part No. - ICS002AI40L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS002AI41L IDT-ICS002AI41L Datasheet
3Mb / 23P
700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
More results

Similar Description - ICS002AI40L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
ICS843002I-40 ICST-ICS843002I-40 Datasheet
275Kb / 21P
175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
REV. A JUNE 22, 2005
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
REV. A JUNE 1, 2005
logo
Zarlink Semiconductor I...
ZL30121 ZARLINK-ZL30121 Datasheet
343Kb / 30P
SONET/SDH Low Jitter System Synchronizer
logo
Integrated Device Techn...
ICS843002I-41 IDT-ICS843002I-41 Datasheet
3Mb / 23P
700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
843002I-40 IDT-843002I-40 Datasheet
340Kb / 24P
175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
843002I-41 IDT-843002I-41 Datasheet
341Kb / 24P
700MHZ, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-40 RENESAS-843002I-40 Datasheet
549Kb / 25P
175MHz, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
843002I-41 RENESAS-843002I-41 Datasheet
550Kb / 25P
700MHZ, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com