Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R402 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-R402
Description  SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R402 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-R402 Datasheet HTML 1Page - STMicroelectronics GS-R402 Datasheet HTML 2Page - STMicroelectronics GS-R402 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pin 5 GS-R400V/2 only
Dimensions in mm
Bottom view
2/3
ELECTRICAL CHARACTERISTICS (TA = 25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
∆Vo/∆T Temperature Stability
Vi = Vo+8V Io = 1A
0.2/0.6
mV/
°C
Io
Output Current
Vi = Vo+8V
0.1
4
A
IoL
Current Limit
Vi = Vo+8V
58
A
Iisc
Average Input Current
Vi = 40V Output Shorted
0.1
0.2
A
fs
Switching Frequency
Io = 1A
100
kHz
SVR
Supply Voltage Rejection
fo = 100Hz Io = 1A
4/12
mV/V
Vr
Ripple Voltage
Io = 1A
25/100
mVpp
tss
Soft Start Time
10/35
ms
tcb
Crowbar Delay Time
5
µs
Vcth
Crowbar Intervention Threshold
Vo•1.25
V
Rth
Thermal Resistance
Case to ambient
8
°C/W
CONNECTION DIAGRAM AND MECHANICAL DATA
PIN DESCRIPTION
Pin
Function
Description
1
+ Input
DC input voltage. Recommended maximum voltage is 40V.
2
Input GND
Return for input voltage source.
3
Output GND
Return for output current path. Internally connected to pin 2.
4
+ Output
Regulated DC output voltage.
5
Program
A resistor (<10k
Ω) connected between this pin and pin 4 sets the + output voltage of the
GS-R400V/2.
GS-R400/2 FAMILY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com