Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT.A Datasheet(PDF) 7 Page - Texas Instruments

Part # SN6501DBVT.A
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVT.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN6501DBVT.A Datasheet HTML 3Page - Texas Instruments SN6501DBVT.A Datasheet HTML 4Page - Texas Instruments SN6501DBVT.A Datasheet HTML 5Page - Texas Instruments SN6501DBVT.A Datasheet HTML 6Page - Texas Instruments SN6501DBVT.A Datasheet HTML 7Page - Texas Instruments SN6501DBVT.A Datasheet HTML 8Page - Texas Instruments SN6501DBVT.A Datasheet HTML 9Page - Texas Instruments SN6501DBVT.A Datasheet HTML 10Page - Texas Instruments SN6501DBVT.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5.7 Typical Characteristics
TP1 Curves are measured with the Circuit in Figure 6-1; whereas, TP1 and TP2 Curves are measured with
Circuit in Figure 6-3 (TA = 25°C unless otherwise noted). See Table 8-3 for Transformer Specifications.
80
100
90
5
40
60
20
0
ILOAD - mA
30
50
70
10
4
3
2
0
1
TP1
T1 = 760390011 (2.5kV)
VIN = 3.3V, VOUT = 3.3V
Figure 5-1. Output Voltage vs Load Current
10
20
30
40
50
60
70
80
90
0
TP1
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
T1 = 760390011 (2.5kV)
VIN = 3.3V, VOUT = 3.3V
Figure 5-2. Efficiency vs Load Current
6
5
4
3
2
0
1
TP1
T1 = 760390012 (2.5kV)
VIN = 5V, VOUT = 5V
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
Figure 5-3. Output Voltage vs. Load Current
10
20
30
40
50
60
70
80
90
0
TP1
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
T1 = 760390012 (2.5kV)
VIN = 5V, VOUT = 5V
Figure 5-4. Efficiency vs Load Current
6
5
4
3
2
0
1
TP1
T1 = 760390013 (2.5kV)
VIN = 3.3V, VOUT = 5V
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
Figure 5-5. Output Voltage vs Load Current
10
20
30
40
50
60
70
80
90
0
TP1
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
T1 = 760390013 (2.5kV)
VIN = 3.3V, VOUT = 5V
Figure 5-6. Efficiency vs Load Current
www.ti.com
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com