Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2-1KB1 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SL2-1KB1
Description  S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SL2-1KB1 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SL2-1KB1 Datasheet HTML 1Page - Bourns Electronic Solutions SL2-1KB1 Datasheet HTML 2Page - Bourns Electronic Solutions SL2-1KB1 Datasheet HTML 3Page - Bourns Electronic Solutions SL2-1KB1 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
Product Dimensions
Recommended Layout
A
C
D
B
F
E DIA.
L
W
H
Bourns
Model
Number
Dimensions
Stand-Off
A
B
C
D
F
Lead
Thickness
E
Height
S1
4.8 ± 0.4
(.190 ± .015)
3.3 ± 0.4
(.130 ± .015)
2.8 ± 0.4
(.110 ± .015)
1.5 ± 0.4
(.060 ± .015)
1.0 ± 0.4
(.040 ± .015)
0.15 ± 0.05
(.006 ± .002)
2.5 ± 0.4
(.100 ± .015)
0.13 ± 0.13
(.005 ± .005)
S2
6.6 ± 0.4
(.260 ± .015)
3.9 ± 0.4
(.155 ± .015)
3.2 ± 0.4
(.125 ± .015)
1.8 ± 0.4
(.070 ± .015)
1.8 ± 0.4
(.070 ± .015)
3.0 ± 0.4
(.120 ± .015)
S4
11.4 ± 0.4
(.450 ± .015)
6.4 ± 0.4
(.250 ± .015)
4.6 ± 0.4
(.180 ± .015)
3.0 ± 0.4
(.120 ± .015)
2.5 ± 0.4
(.100 ± .015)
4.8 ± 0.4
(.190 ± .015)
S3
15.9 ± 0.4
(.625 ± .015)
6.9 ± 0.4
(.270 ± .015)
6.4 ± 0.4
(.250 ± .015)
3.0 ± 0.4
(.120 ± .015)
3.4 ± 0.4
(.135 ± .015)
3.8 ± 0.4
(.150 ± .015)
S5
20.8 ± 0.4
(.820 ± .015)
7.5 ± 0.4
(.295 ± .015)
7.7 ± 0.4
(.305 ± .015)
3.8 ± 0.4
(.150 ± .015)
4.8 ± 0.4
(.190 ± .015)
6.2 ± 0.4
(.245 ± .015)
SL2
6.6 ± 0.4
(.260 ± .015)
3.9 ± 0.4
(.155 ± .015)
2.5 ± 0.4
(.100 ± .015)
1.8 ± 0.4
(.070 ± .015)
1.8 ± 0.4
(.070 ± .015)
3.0 ± 0.4
(.120 ± .015)
SL4
11.4 ± 0.4
(.450 ± .015)
6.4 ± 0.4
(.250 ± .015)
2.5 ± 0.4
(.100 ± .015)
3.0 ± 0.4
(.120 ± .015)
2.5 ± 0.4
(.100 ± .015)
4.8 ± 0.4
(.190 ± .015)
Bourns
Model
Number
Footprint
W
H
L
S1
1.6 ± 0.4
(.062 ± .015)
2.5 ± 0.4
(.100 ± .015)
6.4 ± 0.4
(.250 ± .015)
S2
2.4 ± 0.4
(.096 ± .015)
3.8 ± 0.4
(.150 ± .015)
8.6 ± 0.4
(.337 ± .015)
S4
3.8 ± 0.4
(.150 ± .015)
5.1 ± 0.4
(.200 ± .015)
13.7 ± 0.4
(.540 ± .015)
S3
5.1 ± 0.4
(.200 ± .015)
5.6 ± 0.4
(.220 ± .015)
17.8 ± 0.4
(.700 ± .015)
S5
5.6 ± 0.4
(.220 ± .015)
6.4 ± 0.4
(.250 ± .015)
22.9 ± 0.4
(.900 ± .015)
SL2
2.4 ± 0.4
(.096 ± .015)
3.8 ± 0.4
(.150 ± .015)
8.6 ± 0.4
(.337 ± .015)
SL4
3.8 ± 0.4
(.150 ± .015)
5.1 ± 0.4
(.200 ± .015)
13.7 ± 0.4
(.540 ± .015)
Standard Packaging Quantities
Bourns
Model
Number
7-Inch
Reel
13-Inch
Reel
Reel / Tape
Width
(mm)
Approx. Unit
Weight for
Shipping (g)
S1
650
3000
12
0.11
S2
600
2000
16
0.21
S4
250
1000
24
0.71
S3
125
500
24
1.5
S5
180
500
32
2.8
SL2
600
2000
16
0.12
SL4
250
1000
24
0.36
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com