Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC2G07DBVR.B
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G07DBVR.B Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G07DBVR.B Datasheet HTML 1Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 2Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
SN74LVC2G07
SCES308L – AUGUST 2001 – REVISED MAY 2015
www.ti.com
Product Folder Links: SN74LVC2G07
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ...................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics from –40°C to 85°C ......... 5
6.7
Switching Characteristics from –40°C to 125°C ....... 5
6.8
Operating Characteristics.......................................... 5
6.9
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 7
7.1
(Open-Drain) ............................................................. 7
8
Detailed Description .............................................. 8
8.1
Overview ................................................................... 8
8.2
Functional Block Diagram ......................................... 8
8.3
Feature Description................................................... 8
8.4
Device Functional Modes.......................................... 8
9
Application and Implementation .......................... 9
9.1
Application Information.............................................. 9
9.2
Typical Application ................................................... 9
10
Power Supply Recommendations ..................... 10
11
Layout................................................................... 10
11.1
Layout Guidelines ................................................. 10
11.2
Layout Examples................................................... 10
12
Device and Documentation Support ................. 11
12.1
Documentation Support ........................................ 11
12.2
Community Resources.......................................... 11
12.3
Trademarks ........................................................... 11
12.4
Electrostatic Discharge Caution ............................ 11
12.5
Glossary ................................................................ 11
13
Mechanical, Packaging, and Orderable
Information ........................................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (November 2013) to Revision L
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision J (August 2012) to Revision K
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Updated operating temperature range. .................................................................................................................................. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com