Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G06DBVR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC2G06DBVR
Description  SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G06DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC2G06DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Frequency - MHz
0
20
40
60
80
0
200
400
600
800
1000
1200
1400
1600
D001
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
SN74LVC2G06
www.ti.com
SCES307J – AUGUST 2001 – REVISED JULY 2015
Typical Application (continued)
9.2.3 Application Curve
Figure 5. ICC vs Frequency
10 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin must have a good bypass capacitor in order to prevent power disturbance. For devices with a
single supply, a 0.1-
μF capacitor is recommended and if there are multiple VCC pins then a 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs must never float. In many cases, functions or parts of functions of
digital logic devices are unused. Examples include when only two inputs of a triple input and gate are used or
when only three of the four buffer gates are used. Avoid leaving input pins unconnected because the undefined
voltages at the outside connections result in undefined operational states. Observe the following rules under all
circumstances. Connect all unused inputs of digital logic devices to a high or low bias to prevent them from
floating. Based on the function of the device, apply the logic level to any unused input. Based on convenience, tie
unused inputs to the GND or the VCC.
11.2 Layout Example
Figure 6. Layout Recommendation
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC2G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com