Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3012W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH3012W
Description  Ultrafast High Voltage Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH3012W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH3012W Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH3012W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast High Voltage Diode
STTH3012W
www.iscsemi.com
1
FEATURES
· Low Leakage Current
· Ultrafast, Soft Recovery
· Very Low Conduction and Switching Losses
APPLICATIONS
· UPS
· DC-AC Converter
· EV Charging Station
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
1200
V
IF(AV)
Average Rectified Forward Current
30
A
IFSM
Non-repetitive Peak Surge Current
(tp= 10ms Sinusoidal)
210
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.53
℃
/W
1
3
1
2
1
2
PIN 1 Cathode
2 Anode


Similar Part No. - STTH3012W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3012W STMICROELECTRONICS-STTH3012W Datasheet
121Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
logo
Thinki Semiconductor Co...
STTH3012W THINKISEMI-STTH3012W Datasheet
1Mb / 3P
30 Ampere,1200Volt SwitchMode Single Fast Recovery Epitaxial Diode
More results

Similar Description - STTH3012W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH810 STMICROELECTRONICS-STTH810 Datasheet
193Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH3010 STMICROELECTRONICS-STTH3010 Datasheet
148Kb / 10P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH212 STMICROELECTRONICS-STTH212 Datasheet
140Kb / 9P
High voltage ultrafast diode
28-Jun-2005
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH1210 STMICROELECTRONICS-STTH1210 Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
logo
Inchange Semiconductor ...
STTA6006TV1 ISC-STTA6006TV1 Datasheet
241Kb / 2P
ULTRAFAST HIGH VOLTAGE DIODE
STTA9012TV2 ISC-STTA9012TV2 Datasheet
347Kb / 3P
Ultrafast High Voltage Diode
STTH6110TV2 ISC-STTH6110TV2 Datasheet
545Kb / 3P
Ultrafast recovery - high voltage diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com