Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339LVDYYR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # LM339LVDYYR.A
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM339LVDYYR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM339LVDYYR.A Datasheet HTML 18Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 19Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 20Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 21Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 22Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 23Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 24Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 25Page - Texas Instruments LM339LVDYYR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Basic Comparator Definitions
7.1.1.1 Operation
The basic comparator compares the input voltage (VIN) on one input to a reference voltage (VREF) on the other
input. In the Figure 7-1 example below, if VIN is less than VREF, the output voltage (VO) is logic low (VOL). If VIN
is greater than VREF, the output voltage (VO) is at logic high (VOH). Table 7-1 summarizes the output conditions.
The output logic can be inverted by simply swapping the input pins.
Table 7-1. Output Conditions
Inputs Condition
Output
IN+ > IN-
HIGH (VOH)
IN+ = IN-
Indeterminate (chatters - see Hysteresis)
IN+ < IN-
LOW (VOL)
7.1.1.2 Propagation Delay
There is a delay between from when the input crosses the reference voltage and the output responds. This
is called the Propagation Delay. Propagation delay can be different between high-to low and low-to-high input
transitions. This is shown as tpLH and tpHL in Figure 7-1 and is measured from the mid-point of the input to the
midpoint of the output.
20%
80%
20%
80%
VREF
VREF + 100mV
VREF 5 100mV
50%
50%
tpLH
tpHL
tF
tR
Input
Output
+
±
+
±
VREF
VIN
Output
VOL
VOH
V+
GND
VOD (+200mV)
VIN
VREF + 200mV
VREF - 200mV
VOD (-200mV)
Figure 7-1. Comparator Timing Diagram
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com