Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844071 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS844071
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844071 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS844071 Datasheet HTML 1Page - Integrated Device Technology ICS844071 Datasheet HTML 2Page - Integrated Device Technology ICS844071 Datasheet HTML 3Page - Integrated Device Technology ICS844071 Datasheet HTML 4Page - Integrated Device Technology ICS844071 Datasheet HTML 5Page - Integrated Device Technology ICS844071 Datasheet HTML 6Page - Integrated Device Technology ICS844071 Datasheet HTML 7Page - Integrated Device Technology ICS844071 Datasheet HTML 8Page - Integrated Device Technology ICS844071 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS844071
FEMTOCLOCK™CRYSTAL-TO-LVDS CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
2
ICS844071AG SEPTEMBER 26, 2007
Table 1. Pin Descriptions
NOTE: Pullup refers to intenal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1VDDA
Power
Analog supply pin.
2
GND
Power
Power supply ground.
3,
4
XTAL_OUT
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
5
FREQ_SEL
Input
Pullup
Frequency select pin. LVCMOS/LVTTL interface levels.
6, 7
nQ, Q
Output
Differential output pair. LVDS interface levels.
8VDD
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com