Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80170CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS80170CW
Description  170 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80170CW Datasheet(HTML) 4 Page - STMicroelectronics

  STPS80170CW Datasheet HTML 1Page - STMicroelectronics STPS80170CW Datasheet HTML 2Page - STMicroelectronics STPS80170CW Datasheet HTML 3Page - STMicroelectronics STPS80170CW Datasheet HTML 4Page - STMicroelectronics STPS80170CW Datasheet HTML 5Page - STMicroelectronics STPS80170CW Datasheet HTML 6Page - STMicroelectronics STPS80170CW Datasheet HTML 7Page - STMicroelectronics STPS80170CW Datasheet HTML 8Page - STMicroelectronics STPS80170CW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170
VR(V)
IR(µA)
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
Tj = 100 °C
Tj = 75 °C
Tj = 50 °C
Figure 6. Junction capacitance versus reverse voltage
applied (typical values, per diode)
100
1000
10000
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25° C
Figure 7. Forward voltage drop versus forward current
(per diode, low level)
IF (A)
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj = 25 °C
(Maximum values)
Tj=125°C
(Maximum values)
Tj = 125 °C
(Maximum values)
Tj=125°C
(Typical values)
Tj = 125 °C
(Typical values)
VF(V)
Figure 8. Forward voltage drop versus forward current
(per diode, high level)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VF(V)
IF (A)
Tj = 25 °C
(Maximum values)
Tj = 125 °C
(Maximum values)
Tj = 125 °C
(Typical values)
STPS80170C
Characteristics (curves)
DS4415 - Rev 3
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com