Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040AECT-2.0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LM4040AECT-2.0
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040AECT-2.0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LM4040AECT-2.0 Datasheet HTML 12Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 13Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 14Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 15Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 16Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 17Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 18Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 19Page - STMicroelectronics LM4040AECT-2.0 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
6
Ordering information
Order codes
Precision
(%)
Package
Output
voltage (V)
Marking
Temperature range (°C)
LM4040AELT-2.0
0.1%
SOT23-3L
2.048
A20
-40°C to +125°C
LM4040BELT-2.0
0.2%
SOT23-3L
2.048
B20
-40°C to +125°C
LM4040CELT-2.0
0.5%
SOT23-3L
2.048
C20
-40°C to +125°C
LM4040DELT-2.0
1.0%
SOT23-3L
2.048
D20
-40°C to +125°C
LM4040AECT-2.0
0.1%
SOT323-5L
2.048
A20
-40°C to +125°C
LM4040BECT-2.0
0.2%
SOT323-5L
2.048
A20
-40°C to +125°C
LM4040CECT-2.0
0.5%
SOT323-5L
2.048
C20
-40°C to +125°C
LM4040DECT-2.0
1.0%
SOT323-5L
2.048
D20
-40°C to +125°C
LM4040AELT-2.5
0.1%
SOT23-3L
2.5
A25
-40°C to +125°C
LM4040BELT-2.5
0.2%
SOT23-3L
2.5
B25
-40°C to +125°C
LM4040CELT-2.5
0.5%
SOT23-3L
2.5
C25
-40°C to +125°C
LM4040DELT-2.5
1.0%
SOT23-3L
2.5
D25
-40°C to +125°C
LM4040AECT-2.5
0.1%
SOT323-5L
2.5
A25
-40°C to +125°C
LM4040BECT-2.5
0.2%
SOT323-5L
2.5
A25
-40°C to +125°C
LM4040CECT-2.5
0.5%
SOT323-5L
2.5
C25
-40°C to +125°C
LM4040DECT-2.5
1.0%
SOT323-5L
2.5
D25
-40°C to +125°C
LM4040AELT-3.0
0.1%
SOT23-3L
3.0
A30
-40°C to +125°C
LM4040BELT-3.0
0.2%
SOT23-3L
3.0
B30
-40°C to +125°C
LM4040CELT-3.0
0.5%
SOT23-3L
3.0
C30
-40°C to +125°C
LM4040DELT-3.0
1.0%
SOT23-3L
3.0
D30
-40°C to +125°C
LM4040AECT-3.0
0.1%
SOT323-5L
3.0
A30
-40°C to +125°C
LM4040BECT-3.0
0.2%
SOT323-5L
3.0
A30
-40°C to +125°C
LM4040CECT-3.0
0.5%
SOT323-5L
3.0
C30
-40°C to +125°C
LM4040DECT-3.0
1.0%
SOT323-5L
3.0
D30
-40°C to +125°C
LM4040AELT-4.1
0.1%
SOT23-3L
4.096
A40
-40°C to +125°C
LM4040BELT-4.1
0.2%
SOT23-3L
4.096
B40
-40°C to +125°C
LM4040CELT-4.1
0.5%
SOT23-3L
4.096
C40
-40°C to +125°C
LM4040DELT-4.1
1.0%
SOT23-3L
4.096
D40
-40°C to +125°C
LM4040AECT-4.1
0.1%
SOT323-5L
4.096
A40
-40°C to +125°C
LM4040BECT-4.1
0.2%
SOT323-5L
4.096
A40
-40°C to +125°C
LM4040CECT-4.1
0.5%
SOT323-5L
4.096
C40
-40°C to +125°C
LM4040DECT-4.1
1.0%
SOT323-5L
4.096
D40
-40°C to +125°C
LM4040AELT-5.0
0.1%
SOT23-3L
5.0
A50
-40°C to +125°C
LM4040BELT-5.0
0.2%
SOT23-3L
5.0
B50
-40°C to +125°C
LM4040CELT-5.0
0.5%
SOT23-3L
5.0
C50
-40°C to +125°C
LM4040DELT-5.0
1.0%
SOT23-3L
5.0
D50
-40°C to +125°C
LM4040AECT-5.0
0.1%
SOT323-5L
5.0
A50
-40°C to +125°C
LM4040BECT-5.0
0.2%
SOT323-5L
5.0
A50
-40°C to +125°C
LM4040
Ordering information
DS13886 - Rev 2
page 16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com