Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853052 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS853052
Description  DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853052 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS853052 Datasheet HTML 1Page - Integrated Device Technology ICS853052 Datasheet HTML 2Page - Integrated Device Technology ICS853052 Datasheet HTML 3Page - Integrated Device Technology ICS853052 Datasheet HTML 4Page - Integrated Device Technology ICS853052 Datasheet HTML 5Page - Integrated Device Technology ICS853052 Datasheet HTML 6Page - Integrated Device Technology ICS853052 Datasheet HTML 7Page - Integrated Device Technology ICS853052 Datasheet HTML 8Page - Integrated Device Technology ICS853052 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT™ / ICS™ 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
4
ICS853052AG REV. B OCTOBER 24, 2007
ICS853052
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PRELIMINARY
TABLE 4D. ECL DC CHARACTERISTICS, V
CC = 0V; VEE = -5.5V
TO
-2.375V
TABLE 5. AC CHARACTERISTICS, V
CC = 0V; VEE = -5.5V
TO
-2.375V OR V
CC = 2.375V
TO
5.5V; V
EE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
OD
B
TD
B
TD
B
Tz
H
G
t
H
L
P
;
h
g
i
H
o
t
w
o
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
D
B
T0
7
3D
B
Ts
p
t
L
H
P
;
w
o
L
o
t
h
g
i
H
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
D
B
T0
7
3D
B
Ts
p
t t
ij
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
;
S
M
R
n
o
i
t
c
e
s
r
e
t
t
i
J
D
B
T6
0
.
0D
B
Ts
p
V
P
P
)
l
a
i
t
n
e
r
e
f
f
i
D
(
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
n
ID
B
TD
B
TD
B
Ts
p
t
R/tF
t
u
p
t
u
O
e
m
i
T
ll
a
F
/
e
s
i
R
%
0
8
o
t
%
0
2D
B
T0
8
1D
B
Ts
p
d
e
r
u
s
a
e
m
e
r
a
s
r
e
t
e
m
a
r
a
p
ll
A
≤
.
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
z
H
G
1
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
C
C
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
e
h
t
f
o
2
/
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P1
21
21
2A
m
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O5
2
1
1
-5
2
0
1
-0
2
9
-5
7
0
1
-5
0
0
1
-0
3
9
-5
0
0
1
-0
7
9
-5
3
9
-V
m
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O5
9
8
1
-5
5
7
1
-0
2
6
1
-5
7
8
1
-0
8
7
1
-5
8
6
1
-0
6
8
1
-5
6
7
1
-0
7
6
1
-V
m
V
H
I
d
e
d
n
E
-
e
l
g
n
i
S
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I5
2
2
1
-0
8
8
-5
2
2
1
-0
8
8
-5
2
2
1
-0
8
8
-V
m
V
L
I
d
e
d
n
E
-
e
l
g
n
i
S
,
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I5
4
9
1
-5
2
6
1
-5
4
9
1
-5
2
6
1
-5
4
9
1
-5
2
6
1
-V
m
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I0
0
20
0
20
0
2A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I0
0
20
0
20
0
2A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C .
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P1
21
21
2A
m
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O5
7
8
35
7
9
35
0
1
40
8
0
45
2
9
35
9
9
30
7
0
45
9
9
35
6
0
4V
m
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O5
0
1
35
4
2
30
8
3
35
2
1
30
2
2
35
1
3
30
4
1
35
3
2
30
3
3
3V
m
V
H
I
d
e
d
n
E
-
e
l
g
n
i
S
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I5
7
7
30
2
1
45
7
7
30
2
1
45
7
7
30
2
1
4V
m
V
L
I
d
e
d
n
E
-
e
l
g
n
i
S
,
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I5
5
0
35
7
3
35
5
0
35
7
3
35
5
0
35
7
3
3V
m
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I0
0
20
0
20
0
20
0
2A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I0
0
20
0
2A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C .
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-
TABLE 4C. DC CHARACTERISTICS, V
CC = 5V; VEE = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com