Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040AECT-3.0 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM4040AECT-3.0
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040AECT-3.0 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM4040AECT-3.0 Datasheet HTML 4Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 5Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 6Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 7Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 8Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 9Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 10Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 11Page - STMicroelectronics LM4040AECT-3.0 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Table 4. SOT23-3L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.89
1.12
A1
0.013
0.10
A2
0.88
0.95
1.2
b
0.37
0.50
b1
0.37
0.40
0.45
c
0.085
0.18
c1
0.085
0.16
D
2.80
2.90
3.04
E
2.10
2.64
E1
1.20
1.30
1.40
e
0.95 BSC
e1
1.90 BSC
L
0.28
0.38
0.48
L1
0.55 REF
L2
R
0.05
R1
0.05
Ө
0°
8°
s
0.45
0.60
Figure 13. SOT23-3L recommended footprint
LM4040
SOT23-3L package information
DS13886 - Rev 2
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com