Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014BGLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS853014BGLF
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014BGLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS853014BGLF Datasheet HTML 3Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 4Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 5Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 6Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 7Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 8Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 9Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 10Page - Integrated Device Technology ICS853014BGLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
7
ICS853014BG REV. DNOVEMBER 12, 2007
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = -3.8V to -2.375V or , VCC = 2.375V to 3.8V; VEE = 0V, TA = -40°C to 85°C
All parameters are measured at f
≤ 1GHz, unless otherwise noted.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: The VCMR and VPP levels should be such that input low voltage never goes below VEE.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
-40°C
25°C
80°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Output Frequency
>2
>2
>2
GHz
tPD
Propagation Delay; NOTE 1
355
440
525
376
460
550
400
500
595
ps
tsk(o)
Output Skew; NOTE 2, 5
13
25
13
25
13
25
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 5
105
105
130
ps
VPP
Peak-to-Peak Input Voltage;
NOTE 4
150
800
1800
150
800
1800
150
800
1800
mV
tR / tF
Output
Rise/Fall Time
20% to 80%
90
150
210
90
150
210
90
150
210
ps
tS
Clock Enable Setup Time
100
50
100
50
100
50
ps
tH
Clock Enable Hold Time
200
140
200
140
200
140
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com