Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS120
Description  120W/175W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS120 Datasheet(HTML) 1 Page - STMicroelectronics

  GS120 Datasheet HTML 1Page - STMicroelectronics GS120 Datasheet HTML 2Page - STMicroelectronics GS120 Datasheet HTML 3Page - STMicroelectronics GS120 Datasheet HTML 4Page - STMicroelectronics GS120 Datasheet HTML 5Page - STMicroelectronics GS120 Datasheet HTML 6Page - STMicroelectronics GS120 Datasheet HTML 7Page - STMicroelectronics GS120 Datasheet HTML 8Page - STMicroelectronics GS120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GS120/175T48 Family
120W/175W DC-DC CONVERTERS FAMILY
June 1994
1/10
Type
Vi
Vo
Io
GS120T48-3.3
GS120T48-3.3E
38 to 60 V
3,35 V
35 A
GS175T48-5
GS175T48-5E
38 to 60 V
5,075 V
35 A
GS175T48-12
GS175T48-12E
38 to 60 V
12,0 V
15 A
GS175T48-15
GS175T48-15E
38 to 60 V
15,0 V
12 A
FEATURES
UL, CSA, TUV approved
High output power (up to 175W)
High efficiency (82% typ. on GS175T48-5 mod-
ule)
Parallel operation with equal current sharing
Synchronization pin
Remote ON/OFF
Remote load voltage sense compensation
Output short-circuit protection
Undervoltage lock-out
Minimal overshoot during load transients
Output overvoltage protection
500VDC input to output isolation voltage
Internal input and output filtering
Softstart
PCB or chassis mountable
Optional additional finned heatsink
Mechanical dimensions 125
• 66,5 • 19 (4,92 •
2,62
• 0,75)
DESCRIPTION
The GS120/175T48family includes 120/175W DC-
DC converters used to generate fixed isolated out-
put voltages with an output current up to 35A from
a wide range input voltage (38 to 60V).
The suffix E Identifies the metric threading on the
planar heatsink (see fig. 1).
Type
Ordering Number
Description
Thermal Resistance
Dimensions
L
• W • H mm (inches)
HS01
Additional finned heatsink
(See fig. 7)
2.8
°C/W
125
• 66.5 • 15
( 4.92
• 2.62 • 0.59)
OPTION


Similar Part No. - GS120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
166Kb / 2P
120WAC-DC Single Output Desktop
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
UHD-SDI Gearbox
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12081-INE3 SEMTECH-GS12081-INE3 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
More results

Similar Description - GS120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
70W/100W DC-DC CONVERTERS FAMILY
12-Feb-2015
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
DC-DC Converters Quarter Brick, 48 Vin Family
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
120W DC-DC Open Frame Power Supply
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA-MYPMA01218RCF-CAB Datasheet
622Kb / 6P
120W DC-DC converter(216W peak)
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
120W DIN Rail DC/DC converters
logo
Mean Well Enterprises C...
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
120W DIN Rail Rype DC-DC Converter
logo
Ningbo Leison Motor Co....
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
DC Motor 120W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com