Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD1002 Datasheet(PDF) 1 Page - Pro-Power

Part # PD1002
Description  Twisted Multipair Cables Screened
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PD1002 Datasheet(HTML) 1 Page - Pro-Power

  PD1002 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Twisted Multipair Cables
Screened
Page <1>
06/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Specifications Table
Conductor CSA (mm2)
0.22
Core - Core Capacitance (pF / m)
98
Core - Screen Capacitance (pF / m)
164
Conductor Make-up
7 / 0.203
External Diameter
5.71
5.97
6.73
7.24
7.49
10.16
Impedance
77 R
85 R
Conductor Material
Tinned Copper
Primary Insulation Material
PVC
Secondary Insulation Material
PVC
Secondary Insulation Colour
Grey
Number of Pairs
2
3
4
5
6
15
Number of Cores
4
6
8
10
12
30
Drain Wire Type
Integral
Primary Screen Type
Aluminised Polyester Tape
Part Number
PD1002
PD1003
PD1004
PD1005
PD1006
PD1015
Dimensions : Millimetres


Similar Part No. - PD1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD1002 ETC-PD1002 Datasheet
128Kb / 1P
Twisted Multipair Cables
06/06/12 V1.1
logo
Multicomp Pro
PD1002 MULTICOMP-PD1002 Datasheet
144Kb / 1P
Twisted Multipair Cables Screened
02/09/20 V1.0
More results

Similar Description - PD1002

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
Mil-Screened High Frequency Mil-Screened High Frequency
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
Screened Room Filters
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
Screened Room Filters
logo
Cynergy3 Co
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
FRD30000 fully screened
logo
List of Unclassifed Man...
PD1015 ETC2-PD1015 Datasheet
129Kb / 1P
Twisted Multipair Cables Screened
logo
Samtec, Inc
FFTP-05-D-18.00-01-N SAMTEC-FFTP-05-D-18.00-01-N Datasheet
259Kb / 1P
TIGER EYE??TWISTED PAIR IDC CABLES
logo
Schneider Electric
TSXCSA100 SCHNEIDER-TSXCSA100 Datasheet
131Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 100 m
DEC 31, 2021
TSXCSA200 SCHNEIDER-TSXCSA200 Datasheet
130Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 200 m
DEC 31, 2021
TSXCSA500 SCHNEIDER-TSXCSA500 Datasheet
132Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 500 m
DEC 31, 2021
logo
Omega Engineering, Inc.
4KX20PP OMEGA-4KX20PP Datasheet
9Mb / 1P
Multipair Extension Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com