Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2148 Datasheet(PDF) 2 Page - VISATON GmbH & Co. KG

Part # 2148
Description  FR 8 WP - 4 Ohm (white)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2148 Datasheet(HTML) 2 Page - VISATON GmbH & Co. KG

  2148 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2148 Datasheet HTML 2Page - VISATON GmbH & Co. KG 2148 Datasheet HTML 3Page - VISATON GmbH & Co. KG 2148 Datasheet HTML 4Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Rated power
15 W
Maximum power
25 W
Nominal impedance Z
4 Ohm
Frequency response
100–20000 Hz
Mean sound pressure level
84 dB (1 W/1 m)
Opening angle (-6 dB)
114°/4000 Hz
Excursion limit
+/−3 mm
Resonance frequency fs
158 Hz
Magnetic induction
1 T
Magnetic flux
190 µWb
Height of front pole-plate
3 mm
Voice coil diameter
20 mm
Height of winding
4 mm
Cutout diameter
74 mm
Net weight
0,23 kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com