Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45C12G.. Datasheet(PDF) 1 Page - ON Semiconductor

Part # D45C12G..
Description  Complementary Silicon Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D45C12G.. Datasheet(HTML) 1 Page - ON Semiconductor

  D45C12G.. Datasheet HTML 1Page - ON Semiconductor D45C12G.. Datasheet HTML 2Page - ON Semiconductor D45C12G.. Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 3
1
Publication Order Number:
D45C12/D
D45C12 (PNP),
D44C12 (NPN)
Complementary Silicon
Power Transistor
The D45C12 and D44C12 are for general purpose driver or medium
power output stages in CW or switching applications.
Features
• Low Collector−Emitter Saturation Voltage − 0.5 V (Max)
• High ft for Good Frequency Response
• Low Leakage Current
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Collector−Emitter Voltage
VCES
90
Vdc
Emitter Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
Peak (Note 1)
IC
4.0
6.0
Adc
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TA = 25°C
PD
30
1.67
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
4.2
°C/W
Thermal Resistance,
Junction−to−Ambient
RqJA
75
°C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8 in from Case for 5 Sec
TL
275
°C
1. Pulse Width v 6.0 ms, Duty Cycle v 50%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
D4xC12G
AYWW
1
Base
3
Emitter
4
Collector
2
Collector
4.0 AMPERE COMPLEMENTARY
SILICON POWER
TRANSISTORS 80 VOLTS
TO−220AB
CASE 221A
STYLE 1
1
2
3
4
MARKING DIAGRAM
& PIN ASSIGNMENT
x
= 4 or 5
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - D45C12G..

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D45C12G ONSEMI-D45C12G Datasheet
78Kb / 3P
Complementary Silicon Power Transistor
November, 2007 - Rev. 2
More results

Similar Description - D45C12G..

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD2955 CENTRAL-CJD2955 Datasheet
542Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
TIP41A STMICROELECTRONICS-TIP41A_05 Datasheet
205Kb / 10P
COMPLEMENTARY SILICON POWER TRANSISTOR
27-Oct-2005
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
Complementary Silicon Power Transistor
November, 2007 - Rev. 2
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com