Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PK-652 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # PK-652
Description  Precision Screwdriver Set 8PCS/SET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

PK-652 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  PK-652 Datasheet HTML 1Page - Prokits Industries Co., LTD PK-652 Datasheet HTML 2Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1 / 2
Prokit’s Industries CO., LTD.
5F, No.7, Lane 130,
Ming-Chung Rd., Hsin-Tien Dist,
New Taipei City, Taiwan, R.O.C. Post code: 23114
Tel: 886-2-2218-3233; Fax: 886-2-2218-2722
http://www.prokits.com.tw Email: pksales@mail.prokits.com.tw
PRODUCT SPECIFICATION
PK-652
Precision Screwdriver Set 8PCS/SET
*** Picture for reference only.
All specifications are subject to change by supplier. ***
Specifications:
* Slotted & Phillips Precision Screwdriver total 6pcs
* Fast turning swivel cap for easy operation
* PP/TPR Non-slip handle for user comfort
* Rigid & durable with high quality material
* Micro cutting plier (130mm) * 1pce
* Magnetizer demagnetizer *1pce
* For electronic , Electrical applications to fulfill various demand
SD-086-P2
SD-086-P5


Similar Part No. - PK-652

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
PK-616B PROSKITINDUSTRIES-PK-616B Datasheet
719Kb / 2P
PK-616B Professional Electronic Tool Kit (with EURO plug)
PK-616C PROSKITINDUSTRIES-PK-616C Datasheet
720Kb / 2P
PK-616C Professional Electronic Tool Kit (with UK plug)
logo
Molex Electronics Ltd.
PK-64319-002-001 MOLEX1-PK-64319-002-001 Datasheet
69Kb / 2P
CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
More results

Similar Description - PK-652

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com