Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6117 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISU6117
Description  Fast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6117 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISU6117 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6117 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISU6117 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISU6117
eq DPG60C300HJ
Fast Recovery Diode
www.iscsemi.com
1
DESCRIPTION
· Planar Passivated Chips
· Very Low Leakage Current
· Very Short Recovery Time
· Improved Thermal Behaviour
APPLICATIONS
· Switch Mode Power Supplies (SMPS)
· Output Rectifiers
· Freewheeling Diodes
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current
@TC= 140℃
30×2
A
IFSM
Forward Peak Surge Current
450
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.05
℃
/W
Backside: isolated
1 2
3
TO-247Plus package


Similar Part No. - ISU6117

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISU6107 ISC-ISU6107 Datasheet
377Kb / 2P
Silicon CarbideSchottky Rectifier Diode
ISU6126 ISC-ISU6126 Datasheet
267Kb / 2P
Super Fast Recovery Diode
ISU6131 ISC-ISU6131 Datasheet
433Kb / 3P
Ultrafast Soft Recovery Diode
ISU6155 ISC-ISU6155 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
ISU6156 ISC-ISU6156 Datasheet
298Kb / 2P
Fast Recovery Diode
More results

Similar Description - ISU6117

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com