Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT.B Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28056CDBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28056CDBVT.B Datasheet HTML 3Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 4Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 5Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 6Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 9Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 10Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Not tested in production. Ensured by design.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VCCStart
Turn-on threshold
VCC Rising
10.65
11
V
VCCStop
Turn-off threshold
VCC Falling
8.5
8.85
9.2
V
VCCHyst
UVLO Hysteresis (VCCStart - VCCStop)
(1)
1.5
V
TUVLOBlk
Turn-OFF Blanking Time
27
35
42
µs
SUPPLY CURRENT
ICC_Startup
Current consumption before startup
VCC = VCCStart-200mV, TA < 110℃
46
µA
ICC_FAULT
Current consumption during fault
condition
VCC = 12V
130
µA
ICC_BSTOFF
Current consumption during Burst OFF
period
VCC = 12V
132
µA
ICC_RUN
Operating current with DRV pin
unloaded
VCC = 12V
1.8
2.2
mA
GATE DRIVE
VDRLow
DRV output low voltage
IDR = 100mA
0.9
V
VDRHigh
DRV output voltage high level, limited
VCC = 25V, IDR = -10mA
10
13.7
15
V
VDRHighMin
DRV minimum high voltage level
VCC = VCCStop + 200 mV, IDR = -8mA
8
V
RDRH
DRV, Pull-up resistance
TA = -40°C to 125°C, IDR = -8mA,
VCC=12V
9.7
16
Ω
RDRL
DRV, Pull-down resistance
TA = -40°C to 125°C, IDR = 100mA
2.0
4.6
9
Ω
tR
Rise Time
CLOAD=1nF, DRV=1V to 6V,
VCC=12V
10
34
61
ns
tF
Fall Time
CLOAD=1nF, DRV=6V to 1V,
VCC=12V
4
15
40
ns
Isource
Source peak current on DRV Pin (1)
-0.7
A
Isink
Sink peak current on DRV Pin (1)
1
A
RDG0
DRV to GND resistance value to
select TZCDR0
(1)
130
200
kΩ
RDG1
DRV to GND resistance value to
select TZCDR1
(1)
81.18
82
82.82
kΩ
RDG2
DRV to GND resistance value to
select TZCDR2
(1)
61.38
62
62.62
kΩ
RDG3
DRV to GND resistance value to
select TZCDR3
(1)
42.57
43
43.43
kΩ
RDG4
DRV to GND resistance value to
select TZCDR4
(1)
26.73
27
27.27
kΩ
RDG5
DRV to GND resistance value to
select TZCDR5
(1)
17.82
18
18.18
kΩ
RDG6
DRV to GND resistance value to
select TZCDR6
(1)
12.87
13
13.13
kΩ
RDG7
DRV to GND resistance value to
select TZCDR7
(1)
9
9.1
9.2
kΩ
TDGSmpl
Time needed to detect RDG value.
TA < 85℃
3.95
4.4
4.95
ms
VDGClmp
Maximum voltage that will be applied
on DRV pin while detecting RDG value.
1
1.05
1.1
V
Error Amplifier
VOSReg
Feedback voltage reference
2.45
2.5
2.55
V
IOSBias
ISNS pin bias current
VOS = VOSReg
-100
100
nA
gM
Error Amplifier Transconductance
Gain
|VOS-VOSReg| < DSuThs
50
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com