Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7232RTJR Datasheet(PDF) 8 Page - Texas Instruments

Part # UCD7232RTJR
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232RTJR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD7232RTJR Datasheet HTML 4Page - Texas Instruments UCD7232RTJR Datasheet HTML 5Page - Texas Instruments UCD7232RTJR Datasheet HTML 6Page - Texas Instruments UCD7232RTJR Datasheet HTML 7Page - Texas Instruments UCD7232RTJR Datasheet HTML 8Page - Texas Instruments UCD7232RTJR Datasheet HTML 9Page - Texas Instruments UCD7232RTJR Datasheet HTML 10Page - Texas Instruments UCD7232RTJR Datasheet HTML 11Page - Texas Instruments UCD7232RTJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
DETAILED DESCRIPTION
GENERAL
The UCD7232 is designed primarily to be a synchronous buck driver with current measurement and fault
detection capabilities that make it an ideal partner with digital power controllers. This device incorporates two
high-current gate drive stages and sophisticated current measurement circuitry that allows for the monitoring and
reporting of output load current. Two separate fault detection blocks protect the power stage from excessive load
current or short circuits. On-chip thermal shutdown protects the device in case of severe over-temperature
conditions. Detected faults immediately truncate the power conversion cycle in progress, without controller
intervention, and assert a digital fault flag (FLT). Gate drive voltage is supplied by an on-chip linear regulator. If
desired, this regulator can be disabled and an external gate drive voltage can be supplied. Mode selection pins
allow the device to be used in synchronous mode or independent mode. In synchronous mode, the high-side and
low-side gate timing is controlled by a single PWM input. Anti-cross-conduction dead-time intervals are applied
automatically to the gate drives. In independent mode, the high-side and low-side gate drive signals are
controlled directly by the PWM and SRE pins. The automatic dead-time logic is disabled in this mode. When
operating in synchronous mode, the use of the low-side FET can be disabled under the control of the SRE pin.
This feature facilitates start-up into a pre-bias voltage and is also used in some applications to reduce power
consumption at light loads.
PWM INPUT
The PWM input pin accepts the digital signal from the controller that represents the desired high-side FET
on-time duration. This input is designed to accept 3.3V logic levels, but is also tolerant of 5V input levels. The
SRE Mode pin sets the behavior of the PWM pin. When the SRE Mode pin is asserted high, the device is placed
in synchronous mode. In this mode, the timing duration of the high-side gate drive and the low-side gate drive
are both controlled PWM input signal. When PWM is high, the high-side gate drive (HS Gate) is on and the
low-side gate drive (LS Gate) is off. When PWM is low, the high-side gate drive is off and the low-side gate drive
is on. Automatic anti-cross-conduction logic monitors the gate to source voltage of the FETs to verify that the
proper FET is turned off before the other FET is turned on. When the SRE Mode pin is asserted low, the device
is placed in independent mode. In this mode the PWM input only controls the high-side gate drive. When PWM is
high, the high-side gate drive is on. The low side FET in independent mode is directly controlled by the SRE pin.
No anti-cross-conduction logic is active in independent mode. The user must insure that the PWM and SRE
signals do not overlap.
The PWM input supports a 3-state detection feature. It can detect if the PWM input signal has entered a 3-state
mode. When 3-state mode is detected, both the high-side and low-side gate drive signals are held off. To support
this mode, the PMW input pin has an internal pull-up resistor of approximately 50k
Ω to 3.3V. It also has a 50kΩ
pull-down resistor to ground. During normal operation, the PWM input signal swings below 0.8V and above 2.5V.
If the source driving the PWM pin enters a 3-state or high impedance state, the internal pull-up/pull-down
resistors will tend to pull the voltage on the PWM pin to 1.65V. If the voltage on the PWM pin remains within the
0.8V to 2.5V 3-state detection band for longer than the tHLD_R 3-state detection hold-off time, then the device
enters 3-state mode and turns both gate drives off. This behavior occurs regardless of the state of the SRE Mode
and SRE pins. When exiting 3-state mode, PWM should first be asserted low. This will insure that the bootstrap
capacitor is recharged before attempting to turn on the high-side FET.
The logic threshold of this pin typically exhibits 900mV of hysteresis to provide noise immunity and insure
glitch-free operation of the gate drivers.
SRE INPUT
The SRE (Synchronous Rectifier Enable) pin is a digital input with an internal 10k
Ω pull-up resistor to 3.3V. It is
designed to accept 3.3V logic levels, but is also tolerant of 5V levels. The SRE Mode pin sets the behavior of the
SRE pin. When the SRE Mode pin is asserted high, the device is placed in synchronous mode. In this mode, the
input, when asserted high, enables the operation of the low-side synchronous rectifier FET. The state of the
low-side gate drive signal is governed by the PWM input. When SRE is asserted low while in synchronous mode,
the low-side FET gate drive is continuously held low, keeping the FET off. While held off, current flow in the
low-side FET is restricted to its intrinsic body diode. When the SRE Mode pin is asserted low, the device is
placed in independent mode. In this mode, the state of the low-side gate drive signal follows the state of the SRE
signal. It is completely independent of the state of the PWM signal. No anti-cross-conduction logic is active in
independent mode. The user must insure that the PWM and SRE signals do not overlap.
8
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com