Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT.B Datasheet(PDF) 2 Page - Texas Instruments

Part # UCD3138RGCT.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.B Datasheet(HTML) 2 Page - Texas Instruments

  UCD3138RGCT.B Datasheet HTML 1Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 2Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 3Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 4Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 5Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 6Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 7Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 8Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
3 Description
The UCD3138 is a digital power supply controller offering superior levels of integration and performance in a
single-chip solution. The flexible nature of the UCD3138 makes it suitable for a wide variety of power conversion
applications. In addition, multiple peripherals inside the device have been specifically optimized to enhance the
performance of AC-DC and isolated DC-DC applications and reduce the solution component count in the IT and
network infrastructure space.
The UCD3138 controller is a fully programmable solution offering customers complete control of their
application, along with ample ability to differentiate their solution. At the same time, TI is committed to simplifying
our customers' development effort by offering best-in-class development tools, including application firmware,
Code Composer Studio™ software development environment, and TI’s power development GUI which lets
customers configure and monitor key system parameters.
At the core of the UCD3138 controller are the digital control loop peripherals, also known as Digital Power
Peripherals (DPPs). Each DPP implements a high-speed digital control loop consisting of a dedicated Error
Analog-to-Digital Converter (EADC), a PID-based 2-pole/2-zero digital compensator and DPWM outputs with
250-ps pulse width resolution. The device also contains a 12-bit, 267-ksps general-purpose ADC with up to 15
channels, timers, interrupt control, PMBus, and UART communications ports. The device is based on a 32-bit
ARM7TDMI-S RISC microcontroller that performs real-time monitoring, configures peripherals, and manages
communications. The ARM microcontroller executes its program out of programmable flash memory as well as
on-chip RAM and ROM.
In addition to the FDPP, specific power management peripherals have been added to enable high efficiency
across the entire operating range, high integration for increased power density, reliability, and lowest overall
system cost and high flexibility with support for the widest number of control schemes and topologies. Such
peripherals include: light load burst mode, synchronous rectification, LLC and phase-shifted full bridge mode
switching, input voltage feed forward, copper trace current sense, ideal diode emulation, constant current
constant power control, synchronous rectification soft on and off, peak current mode control, flux balancing,
secondary side input voltage sensing, high-resolution current sharing, hardware-configurable soft start with pre
bias, as well as several other features. Topology support has been optimized for voltage mode and peak current
mode controlled phase-shifted full bridge, single and dual phase PFC, bridgeless PFC, hard-switched full bridge
and half bridge, and LLC half bridge and full bridge.
Device Information
PART NUMBER(1)
PACKAGE DRAWING
PACKAGE TYPE
BODY SIZE
UCD3138
RGC
VQFN (64)
9.00 mm × 9.00 mm
RHA
VQFN (40)
6.00 mm × 6.00 mm
RMH
WQFN (40)
6.00 mm × 6.00 mm
RJA
VQFN (40) (2)
6.00 mm × 6.00 mm
(1)
For more information, see Section 14, Mechanical Packaging and Orderable Information.
(2)
Recommended for new 40-pin designs, optimized for improved performance under temperature cycling test for board level reliability
(BLR).
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com