Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAR.B Datasheet(PDF) 76 Page - Texas Instruments

Part # UCD3138RHAR.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR.B Datasheet(HTML) 76 Page - Texas Instruments

Back Button UCD3138RHAR.B Datasheet HTML 72Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 73Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 74Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 75Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 76Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 77Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 78Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 79Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
12.1.5 UART Communication Port
UART is used for communicating between the primary side and secondary side with isolation boundary.
Normally, the communication wires are long. These wires can easily be interfered by EMI and pick up noise
of switching power supplies. First, the wires must be routed without directly exposing the traces to the switching
noise source, and then a termination is needed at the end of the trace, as shown in Figure 12-6. For example, R
= 50 Ω, C = 47 pF if they don’t significantly slow down the slew rate of the signals. When the pins are not used,
tie them to the single ground plane SGND.
Figure 12-6. Termination for Communication Port (UART)
12.1.6 Special Considerations
• The first thing that must be done in any layout is to set up the basic grounding strategy and the placement
of the decoupling capacitors. This needs to be prioritized over anything else, even the routing of sensitive
feedback signals.
• If a gate driver device such as UCC27524 or UCC27511 is on the control card and there is a PGND
connection, a net-short resistor or large copper trace must be used to tie the PGND to the Power RTN by
multiple vias. Also, the net-short element between Power RTN and PGND must be close to the driver IC.
• Unused ADC pins must be tied to SGND.
• Avoid putting V33D and V33A long traces or planes close to radiation components. Place them into an
internal layer. It is preferred to have ground shielding.
• Avoid putting bias supplies or SGND or Power RTN directly to across the switching power train where they
can couple switching noise. If the grounds are coupled with noise, the decoupling capacitors may not be
effective at filtering the noise out.
• Local capacitors are preferred to provide a short path for switching current, and be careful to select a quiet
RETURN point to connect.
• In a power module or a tiny PCB design, a single solid plane without the grounding separation is shown in
Figure 12-7and has a single point connection with power RTN or SGND near the connector. Ensure there is
no current flow from power train into the signal ground plane.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
76
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com