Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX6000 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RX6000
Description  458MHZ RF TRANSMITTER & RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RX6000 Datasheet(HTML) 3 Page - rfsolutions.ltd

  RX6000 Datasheet HTML 1Page - rfsolutions.ltd RX6000 Datasheet HTML 2Page - rfsolutions.ltd RX6000 Datasheet HTML 3Page - rfsolutions.ltd RX6000 Datasheet HTML 4Page - rfsolutions.ltd RX6000 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS006-2
Oct 02
2003 REG No 277 4001, ENGLAND.
Page 3
458MHZ RF TRANSMITTER & RECEIVER
TX/RX6000
Transmitter Connections : Pins on underside of Module
Pin
Description
Direction
1
Ground
Input
2
Modulation Input 500mVpk-pk +ve freq deviation
Input
3
Modulation Input 500mVpk-pk -ve freq deviation
Input
4
Digital Data input (TTL)
Input
5
Switched +5V (supply to Rx when used as transceiver)
Output
6
Test
Output
7
Regulated +5V
Output
8
Transmitter ON
(Connect to Common to start the Transmitter)
Input
9
Supply Voltage to Module (7.2 - 9V)
Input
10
Receiver RF Output (for use in transceiver)
Output
11
Ground
Input
12
Antenna
Output
Receiver Connections : Pins on underside of Module
Pin
Description
Direction
1
Ground
Input
2
Receiver Signal Strength Indicator (RSSI) 0-2V Log Range
Output
3
Demodulated Output
Output
4
Test (unfiltered modulated output)
Output
5
+5V supply to Local Oscillator and RF Amplifier
Input
6
Digital Data Ouptut
Output
7
+5V supply to IF and LF Amplifiers
Input
11
Ground
Input
12
Antenna
Antenna
Power Save Mode
The receiver may be put into power save mode by removing the 5V supply to pin 5. The RSSI will still
indicate a valid signal. After re-applying power to pin5 the data output will be valid within <5msecs.
Mechanical Details
1
12
2
1
11
1
1
10
0
9
9
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
50.8
3
36
6
12.5mm
NOTES
Pins on a 2.54mm pitch
Pins are 2.6 x DIA0.51mm in Gold Plate
Pins 8, 9, 10, 11 are on the transmitter only
4
4..0
0
2
2..8
8
T
To
op
p V
Viie
ew
w
((p
piin
ns
s o
on
n u
un
nd
de
errs
siid
de
e))
4
4..0
0
1
15
5..0
0
2
25
5..4
4
A
Allll D
Diim
me
en
ns
siio
on
ns
s iin
n m
mm
m
2
2
2
2..5
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com