Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28703DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28703DBVT
Description  UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28703DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28703DBVT Datasheet HTML 3Page - Texas Instruments UCC28703DBVT Datasheet HTML 4Page - Texas Instruments UCC28703DBVT Datasheet HTML 5Page - Texas Instruments UCC28703DBVT Datasheet HTML 6Page - Texas Instruments UCC28703DBVT Datasheet HTML 7Page - Texas Instruments UCC28703DBVT Datasheet HTML 8Page - Texas Instruments UCC28703DBVT Datasheet HTML 9Page - Texas Instruments UCC28703DBVT Datasheet HTML 10Page - Texas Instruments UCC28703DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
230
235
240
245
250
255
260
265
270
−25
0
25
50
75
100
125
TJ − Temperature (°C)
G005
310
315
320
325
330
−25
0
25
50
75
100
125
TJ − Temperature (°C)
G006
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
−25
0
25
50
75
100
125
TJ − Temperature (°C)
G003
0
50
100
150
200
250
300
−20
5
30
55
80
105
125
TJ − Temperature (°C)
IVSLRUN
IVSLSTOP
G004
0.00001
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
VDD Turn−Off
VDD Turn−On
VDD − Bias Supply Voltage (V)
Run State
Wait State
Start State
G001
0.0001
0.001
0.01
0.1
1
10
−25
0
25
50
75
100
125
TJ − Temperature (°C)
IRUN, VDD = 25 V
IWAIT, VDD = 25 V
ISTART, VDD = 18 V
G002
UCC28700, UCC28701, UCC28702, UCC28703
www.ti.com
SLUSB41A – JULY 2012 – REVISED DECEMBER 2014
7.7 Typical Characteristics
At VDD = 25 V, unless otherwise noted.
Figure 1. Bias Supply Current vs. Bias Supply Voltage
Figure 2. Bias Supply Current vs. Temperature
Figure 3. VS Regulation Voltage vs. Temperature
Figure 4. Line-Sense Current vs. Temperature
Figure 5. Minimum CS Threshold Voltage vs. Temperature
Figure 6. Constant-Current Regulating Level vs.
Temperature
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC28700 UCC28701 UCC28702 UCC28703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com