Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT.A Datasheet(PDF) 1 Page - Texas Instruments

Part # UCD3138RHAT.A
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT.A Datasheet(HTML) 1 Page - Texas Instruments

  UCD3138RHAT.A Datasheet HTML 1Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 2Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 3Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 4Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 5Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 6Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 7Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 8Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
UCD3138 Highly Integrated Digital Controller for Isolated Power
1 Features
• Digital Control of up to 3 Independent Feedback
Loops
– Dedicated PID-Based hardware
– 2-Pole/2-Zero Configurable
– Nonlinear Control
• Up to 16 MHz Error Analog-to-Digital Converter
(EADC)
– Configurable Resolution as Small as 1mV/LSB
– Automatic Resolution Selection
– Up to 8x Oversampling
– Hardware-Based Averaging (up to 8x)
– 14-Bit Effective Digital-to-Analog Converter
(DAC)
– Adaptive Sample Trigger Positioning
• Up to 8 High Resolution Digital Pulse Width
Modulated (DPWM) Outputs
– 250-ps Pulse Width Resolution
– 4-ns Frequency Resolution
– 4-ns Phase Resolution
– Adjustable Phase Shift Between Outputs
– Adjustable Dead-band Between Pairs
– Cycle-by-Cycle Duty Cycle Matching
– Up to 2-MHz Switching Frequency
• Configurable PWM Edge Movement
– Trailing Modulation
– Leading Modulation
– Triangular Modulation
• Configurable Feedback Control
– Voltage Mode
– Average Current Mode
– Peak Current Mode Control
– Constant Current
– Constant Power
• Configurable Modulation Methods
– Frequency Modulation
– Phase Shift Modulation
– Pulse Width Modulation
• Fast, Automatic, and Smooth Mode Switching
– Frequency Modulation and PWM
– Phase Shift Modulation and PWM
• High Efficiency and Light Load Management
– Burst Mode
– Ideal Diode Emulation
– Synchronous Rectifier Soft On/Off
– Low IC Standby Power
• Soft Start / Stop with and without Prebias
• Fast Input Voltage Feed Forward Hardware
• Primary Side Voltage Sensing
• Copper Trace Current Sensing
• Flux and Phase Current Balancing for Nonpeak
Current Mode Control Applications
• Current Share Bus Support
– Analog Average
– Master and Slave
• Feature Rich Fault Protection Options
– 7 High-Speed Analog Comparators
– Cycle-by-Cycle Current Limiting
– Programmable Fault Counting
– External Fault Inputs
– 10 Digital Comparators
– Programmable Blanking Time
• Synchronization of DPWM Waveforms Between
Multiple UCD3138 family devices
• 14-Channel, 12-Bit, 267-ksps General-Purpose
ADC with Integrated
– Programmable Averaging Filters
– Dual Sample and Hold
• Internal Temperature Sensor
• Fully Programmable High-Performance 31.25
MHz, 32-Bit ARM7TDMI-S™ Processor
– 32KB of Program Flash
– 2KB of Data Flash with ECC
– 4KB of Data RAM
– 4KB of Boot ROM Enables Firmware Boot-Load
in the Field via I2C or UART
• Communication Peripherals
– I2C/PMBus
– 2 UARTs on UCD3138RGC (64-Pin QFN)
– 1 UART on UCD3138RHA/UCD3138RMH
(40-Pin QFN) and UCD3138RJA (40-Pin
VQFN)
• Timer Capture with Selectable Input Pins
• Up to 5 Additional General Purpose Timers
• Built In Watchdog: BOD and POR
• 64-Pin QFN and 40-Pin QFN Packages
• Operating Temperature: –40°C to 125°C
• Fusion Digital Power Studio GUI Support
2 Applications
• Power Supplies and Telecom Rectifiers
• Power Factor Correction
• Isolated DC-DC Modules
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCD3138RHAT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138RHAT TI1-UCD3138RHAT Datasheet
1Mb / 68P
Highly Integrated Digital Controller for Isolated Power
UCD3138RHAT TI1-UCD3138RHAT Datasheet
1Mb / 78P
Highly Integrated Digital Controller for Isolated Power
UCD3138RHAT TI1-UCD3138RHAT Datasheet
3Mb / 89P
Highly Integrated Digital Controller for Isolated Power
More results

Similar Description - UCD3138RHAT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
Highly Integrated Digital Controller for Isolated Power
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064A TI1-UCD3138064A Datasheet
2Mb / 83P
UCD3138064A Highly Integrated Digital Controller for Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
Highly-Integrated Digital Controller for Isolated Power
UCD3138064 TI-UCD3138064_V01 Datasheet
5Mb / 104P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com