Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAT.B Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD3138RHAT.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138RHAT.B Datasheet HTML 3Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 4Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 5Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 6Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 7Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 8Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 9Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 10Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
6 Device Comparison Table
6.1 Product Family Comparison
UCD
FEATURE
3138
3138A
RHA/RMH
3138064
3138064A
RMH
3138
3138A
RGC
3138064
3138064A
RGC
3138128
3138128A
PFC
3138A64
PFC
Package Offering
40 Pin QFN
(6mm x 6mm)
40 Pin QFN
(6mm x 6mm)
64 Pin QFN
( 9mm x 9mm)
64 Pin QFN
(9mm x 9mm)
80 Pin QFP
(14mm x 14mm)
(Includes leads)
80 Pin QFP
(14mm x 14mm)
(Includes leads)
ARM7TDMI-S Core Processor
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
High Resolution DPWM Outputs (250ps Resolution)
8
8
8
8
8
8
Number of High Speed Independent Feedback Loops (#
Regulated Output Voltages
3
3
3
3
3
3
12-bit, 256kps, General Purpose ADC Channels
7
7
14
14
15
15
Digital Comparators at ADC Outputs
4
4
4
4
4
4
Flash Memory (Program)
32 kB
64 kB
32 kB
64 kB
128 kB
64 kB
Number of Memory 32kB Flash Memory Banks
1
2
1
2
4
Only 1 bank of 64 kB Flash
available
Flash Memory (Data)
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
RAM
4 kB
4 kB
4 kB
4 kB
8 kB
8 kB
Programmable Fault Inputs
1 + 2(1)
1 + 2(1)
4
2 + 2(1)
4
4
High Speed Analog Comparators with Cycle-by-Cycle
Current Limiting
6
6
7
7
7
7
UART (SCI)
1(1)
1(1)
2
2
2
2
PMBus/I2C
1
1
1
1
1
1
Additional I2C
0
0
0
1(1)
1
1
SPI
0
0
0
1(1)
1
1
Timers
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
2 (24 bit)
4 (16 bit) and
2 (24 bit)
Timer PWM Outputs
1(1)
1(1)
2
2
4
4
Timer Capture Inputs
2(1)
2(1)
1 + 3(1)
1 + 3(1)
2 + 2(1)
2 + 2(1)
Total Digital GPIOs
18
18
30
30
43
43
External Interrupts
0
0
1
1
1
1
External Crystal Clock Support
no
no
no
no
Yes (pins #61, 62)
Yes (pins #61, 62)
Peak Current Mode Control
EADC2 Only
All EADC channels
EADC Only
All EADC channels
All EADC Channels
All EADC Channels
(1)
Represents an alternate pinout configuration that is programmable via firmware.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com