Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-RRS3-XXX Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # AM-RRS3-XXX
Description  AM SUPERHETRODYNE RECEIVERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-RRS3-XXX Datasheet(HTML) 1 Page - rfsolutions.ltd

  AM-RRS3-XXX Datasheet HTML 1Page - rfsolutions.ltd AM-RRS3-XXX Datasheet HTML 2Page - rfsolutions.ltd AM-RRS3-XXX Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS017-7
Mar ‘03
©2003 REG No 277 4001, England.
Page 1
AM-RRS3-XXX
AM SUPERHETRODYNE RECEIVERS.
AM-RRQ3-XXX
RRQ3
•
Sensitivity Typ -107dbm
•
PLL Synthesizer Front End
•
Sleep Mode
• Compact Hybrid Module.
• Ceramic Substrate
• 315 / 433 / 868MHz Available
• Very High Frequency Stability
• Receiving Range Up To 100 Metres.
• CMOS/TTL Compatible Output.
• Single Supply Voltage 5V.
• Operates from –25 - +85oC
• Compatible With R.F. Solutions AM Transmitters.
• Compliant to ETS300-220
RRS3
• Sensitivity Typ -106dbm
• Saw Filter Front End.
The R.F. Solutions AM Superheterodyne Receivers are compact modules, which can be used to capture
undecoded data from any equivalent AM Transmitter, such as R.F. Solutions AM-RT4 range of
transmitters. (See AM Transmitter datasheet).
Receivers are manufactured on a ceramic substrate incorporates either a SAW Filter and pre amplifier
front end or PLL Synthesizer for maximum sensitivity and reduced EMC emissions. These modules show
a very high frequency stability over a wide operating temperature even when subjected to mechanical
vibrations or manual handling offering a very cost effective solution.
Block diagram
Input
FILTER
MIXER
AM
DEMODULATOR
IF
FILTER
COMPARATOR
RRS3 –LO OSC
RRQ3 - PLL Synth
GND
Vcc
GND
GND
O
O//P
P
Vcc


Similar Part No. - AM-RRS3-XXX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-RRQ3-315 RFSOLUTIONS-AM-RRQ3-315 Datasheet
95Kb / 4P
AM SUPERHETERODYNE RECEIVER
AM-RRQ3-433 RFSOLUTIONS-AM-RRQ3-433 Datasheet
95Kb / 4P
AM SUPERHETERODYNE RECEIVER
AM-RRQ3-868 RFSOLUTIONS-AM-RRQ3-868 Datasheet
95Kb / 4P
AM SUPERHETERODYNE RECEIVER
AM-RRQ3-XXX RFSOLUTIONS-AM-RRQ3-XXX Datasheet
95Kb / 4P
AM SUPERHETERODYNE RECEIVER
AM-RRQ5-433 RFSOLUTIONS-AM-RRQ5-433 Datasheet
95Kb / 4P
AM SUPERHETERODYNE RECEIVER
More results

Similar Description - AM-RRS3-XXX

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2120 SIEMENS-SDA2120 Datasheet
295Kb / 13P
120 MHz PLL for AM/FM Receivers
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
PLL WITH I2C BUS FOR AM/FM RECEIVERS
SDA4331X SIEMENS-SDA4331X Datasheet
446Kb / 13P
PLL with I2C Bus for AM/FM Receivers
logo
List of Unclassifed Man...
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
AM RADIO RECEIVERS
logo
Panasonic Semiconductor
AN7220 PANASONIC-AN7220 Datasheet
246Kb / 4P
AM TUNER, FM-AM IFAMPLIFIER CIRCUIT
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
FM / AM
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
AM Tuner, FM-AM IF Amplifier
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
AM - RECEIVER
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
FM/AM
logo
rfsolutions.ltd
AM-HRRN-XXX RFSOLUTIONS-AM-HRRN-XXX Datasheet
103Kb / 5P
AM SUPER REGENERATIVE RECEIVERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com