Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2070-MFS Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # 2070-MFS
Description  Block & Bleed, Hard Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

2070-MFS Datasheet(HTML) 2 Page - NOSHOK, INC.

  2070-MFS Datasheet HTML 1Page - NOSHOK, INC. 2070-MFS Datasheet HTML 2Page - NOSHOK, INC. 2070-MFS Datasheet HTML 3Page - NOSHOK, INC. 2070-MFS Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
53
2070
Series.............................................2-valve
Seat............................................Hard seat
Process connection .......... Block & bleed
Connection size.........................1/2" NPT
Valve type............... Female-female, Steel
2 0 7 0 – FFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these needle valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 2070-FFC-HL5)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
* Other o-ring materials available on request.
Please note that the standard o-ring in all the NOSHOK valves is FKM and the standard handles are block “T” handles (HL2) and bleed mini “T” handles (HL1).
The handle material will always match the material of the valve, unless otherwise specified. For example, the “T” handle (HL2) on the 2070-FFC will be Steel.
When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special application requests.
Series..............................................2-valve
Seat.............................................Hard seat
Process connection ........... Block & bleed
Connection size..........................1/2" NPT
Valve type................Female-female, Steel
Packing.............................................PTFE
Stem tip ................................. Non-rotating
Handle ........................... 1" Round knurled
2 0 7 0 – FFC – P1 – T1 – HL3
EXAMPLE with Additional Options
2070
2070 SERIES ORDERING
INFORMATION
† If a packing option is chosen, maximum pressure rating is 6,000 psi. Refer to the "Pressure vs. Temperature: Packing Style with Compatible Fluid" chart at
the back of this catalog.
ORDERING INFORMATION - ADDITIONAL OPTIONS
PACKINGS†
P1 PTFE
P2 Graphite
STEM TIPS
T1 Non-rotating (316 Stainless)
T6 Ball (carbide)
T8 Ball (Monel)
T5 Ball (440C Stainless)
T7 Ball (ceramic)
T9 Non-rotating regulating (316 Stainless)
O-RINGS*
EM1 EPDM
KZ1 FFKM (Kalrez® 3018 or equivalent)
NB1 NBR
HANDLES
HL1 1-13/16" Mini “T”
HL3 1" Round knurled
HL5 1-3/4" Phenolic
HL2 2-1/2" “T”
HL4 1-3/8" Phenolic
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION
SERIES
2 2-valve
SEAT
0 Hard seat
PROCESS TYPE
7 Block & bleed
CONNECTION SIZES
0 1/2" NPT
2 1/4" NPT
0604 3/4" NPT male - 1/2" NPT male or female
VALVE TYPES
MFC Male-Female, Steel
FMC Female-Male, Steel
FFCR Female-Female, Steel, Right Vent
MFCR Male-Female, Steel, Right Vent
EFMC Extended Female-Male, Steel
EFFC Extended Female-Female, Steel
EMFC Extended Male-Female, Steel
FMS Female-Male, Stainless Steel
FFS Female-Female, Stainless Steel
MFS Male-Female, Stainless Steel
EFMS Extended Female-Male, Stainless Steel FFSR Female-Female, Stainless Steel, Right Vent
MFSR Male-Female, Stainless Steel, Right Vent
FFC Female-Female, Steel
EFFS Extended Female-Female, Stainless Steel
EMFS Extended Male-Female, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com