Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-RRS3-315 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # AM-RRS3-315
Description  AM SUPERHETRODYNE RECEIVERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-RRS3-315 Datasheet(HTML) 3 Page - rfsolutions.ltd

  AM-RRS3-315 Datasheet HTML 1Page - rfsolutions.ltd AM-RRS3-315 Datasheet HTML 2Page - rfsolutions.ltd AM-RRS3-315 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS017-7
Mar ‘03
©2003 REG No 277 4001, England.
Page 3
AM SUPERHETRODYNE RECEIVERS.
AM-RRS3-XXX
Application Circuit
Part numbering
AM-RRS3-315
Receiver Module 315MHz
AM-RRS3-418
Receiver Module 418MHz
AM-RRS3-433
Receiver Module 433MHz
AM-RRQ3-315
Receiver Module 315MHz
AM-RRQ3-433
Receiver Module 433MHz
AM-RRQ3-868
Receiver Module 868MHz
Should you require further assistance, please call;
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
RF Receiver
1 2 3
11
15
7
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
Ω
1K
Ω
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
Ω
L
M
15K
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com